Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3819 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3819
Description  PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3819 Datasheet(HTML) 2 Page - Texas Instruments

  UCC3819 Datasheet HTML 1Page - Texas Instruments UCC3819 Datasheet HTML 2Page - Texas Instruments UCC3819 Datasheet HTML 3Page - Texas Instruments UCC3819 Datasheet HTML 4Page - Texas Instruments UCC3819 Datasheet HTML 5Page - Texas Instruments UCC3819 Datasheet HTML 6Page - Texas Instruments UCC3819 Datasheet HTML 7Page - Texas Instruments UCC3819 Datasheet HTML 8Page - Texas Instruments UCC3819 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UCC2819, UCC3819
PROGRAMMABLE OUTPUT
POWER FACTOR PREREGULATOR
SLUS482B - APRIL 2001 − REVISED DECEMBER 2004
2
www.ti.com
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VCC
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate drive current, continuous
0.2 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate drive current
1.2 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, CAI, MOUT
8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, PKLMT
5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VSENSE, OVP/EN, VAI
10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current, RT, IAC, PKLMT
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum negative voltage, DRVOUT, PKLMT, MOUT
−0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
AVAILABLE OPTIONS
TJ
PACKAGE DEVICES
TJ
D PACKAGE
DW PACKAGE
N PACKAGE
PW PACKAGE
0
°C to 70°C
UCC3819D
UCC3819DW
UCC3819N
UCC3819PW
−40
°C to 85°C
UCC2819D
UCC2819DW
UCC2819N
UCC2819PW
† The D, DW, and PW packages are available taped and reeled. Add TR suffix to device type (e.g. UCC3819DTR) to
order quantities of 2500 devices per reel.
electrical characteristics, TA = 0°C to 70°C for the UCC3819, −40°C to 85°C for the UCC2819, VCC = 12 V,
RT = 22 kΩ, CT = 270 pF, (unless otherwise noted)
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply current, off
VCC = (VCC turnon threshold −0.3 V)
150
300
µA
Supply current, on
VCC = 12 V,
No load on DRVOUT
2
4
6
mA
UVLO
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC turnon threshold
9.7
10.2
10.8
V
VCC turnoff threshold
9.4
9.7
V
UVLO hysteresis
0.3
0.5
V
voltage amplifier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VIO
VAOUT = 2.75 V,
VCM = 3.75 V
−15
15
mV
VAI bias current
VAOUT = 2.75 V,
VCM = 3.75 V
50
200
nA
VSENSE bias current
VSENSE = VREF,
VAOUT = 2.5 V
50
200
nA
CMRR
VCM = 1 V to 7.5 V
50
70
dB
Open loop gain
VAOUT = 2 V to 5 V
50
90
dB
High-level output voltage
IL = −150 µA
5.3
5.5
5.6
V
Low-level output voltage
IL = 150 µA
0
50
150
mV


Similar Part No. - UCC3819

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3819 TI-UCC3819 Datasheet
556Kb / 32P
[Old version datasheet]   ADVANCED PFC/PWW COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
UCC3819 TI1-UCC3819 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC3819A TI-UCC3819A Datasheet
508Kb / 21P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC3819AD TI-UCC3819AD Datasheet
508Kb / 21P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC3819ADG4 TI-UCC3819ADG4 Datasheet
508Kb / 21P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
More results

Similar Description - UCC3819

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2819A TI-UCC2819A Datasheet
508Kb / 21P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819 TI1-UCC2819_16 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com