Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBF1045CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # SBF1045CT
Description  10A High Power Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SBF1045CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  SBF1045CT Datasheet HTML 1Page - Chip Integration Technology Corporation SBF1045CT Datasheet HTML 2Page - Chip Integration Technology Corporation SBF1045CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
CT
Low power loss, high efficiency.
Suffix "G" indicates Halogen-free part, ex.SBF1040
G.
SBF1040CT THRU SBF1065CT
10A High Power Schottky Barrier Rectifiers
I
O
I
FSM
I
R
C
J
T
STG
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Storage temperature
Parameter
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 100 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+175
250
20
0.5
10
125
A
A
mA
OC/W
OC
55
R
θJA
Junction to ambient
Diode junction capacitance
pF
f=1MHz and applied 4V DC reverse voltage
Operating temperature
O
T ( C)
J
-55 ~ +150
Max.
forward voltage
O
@5A, T = 25 C
A
V (V)
F
0.70
0.55
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
31.5
42
45.5
28
Max.
repetitive peak
reverse voltage
V
(V)
RRM
45
60
65
40
Marking code
SBF1045CT
SBF1060CT
SBF1065CT
SBF1040CT
Symbol
SBF1045CT
SBF1060CT
SBF1065CT
SBF1040CT
45
60
65
40
• Case : JEDEC ITO-220AB molded plastic body over
passivated chip
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity: Color band denotes cathode end
• Mounting Position : Any
• Weight : Approximated 2.25 gram
• Epoxy : UL94-V0 rated flame retardant.
.
.
.
.
.
Document ID : DS-11K69
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C3
ITO-220AB
PIN 1
PIN 3
PIN 2
Marking code
0.408(10.36)
0.382(9.70)
0.138(3.50)
MAX
0.600(15.5)
0.580(14.5)
0.339(8.60)
0.315(8.00)
1
2
3
0.171(4.35)MAX
0.512(13.0)
0.189(4.80)
0.165(4.20)
0.035(0.90)
0.012(0.30)
0.110(2.80)
0.130(3.30)
0.098(2.50)
0.031(0.80)MAX
MIN
0.091(2.30)
0.055(1.4)
0.039(1.0)
0.114(2.90)
0.098(2.50)
0.067(1.7)
0.039(1.0)


Similar Part No. - SBF1045CT

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SBF1045CT SUNMATE-SBF1045CT Datasheet
2Mb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SBF1045CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
MBR10100CT-J CITC-MBR10100CT-J Datasheet
96Kb / 3P
   10A High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGMBR1040FCT LUGUANG-LGMBR1040FCT Datasheet
901Kb / 2P
   10A High Power Schottky Barrier Rectifiers
LGMBR10100CT-J LUGUANG-LGMBR10100CT-J Datasheet
1Mb / 2P
   10A High Power Schottky Barrier Rectifiers
LGSB1040FCT LUGUANG-LGSB1040FCT Datasheet
1Mb / 2P
   10A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
MBRF1040CT CITC-MBRF1040CT Datasheet
100Kb / 3P
   10A High Power Schottky Barrier Rectifiers
SB1040CT CITC-SB1040CT Datasheet
96Kb / 3P
   10A High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGSB1040CT LUGUANG-LGSB1040CT Datasheet
686Kb / 2P
   10A High Power Schottky Barrier Rectifiers
LGMBR10150CT-J LUGUANG-LGMBR10150CT-J Datasheet
1Mb / 2P
   10A High Power Schottky Barrier Rectifiers
LGMBR10200CT-J LUGUANG-LGMBR10200CT-J Datasheet
1Mb / 2P
   10A High Power Schottky Barrier Rectifiers
LGMBR1040BCT LUGUANG-LGMBR1040BCT Datasheet
957Kb / 3P
   10A Surface Mount High Power Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com