Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBC81210 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # SBC81210
Description  PICMG 1.0 Full-size CPU Card with LGA1155 Intel Core i7/i5/i3 Processor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

SBC81210 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  SBC81210_17 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
224
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
1
0
MIO
1 x FDD
1 x PS/2 keyboard & mouse
1 x LPT; with SPP/EPP/ECP supported
1 x RS-232 (COM 1)
1 x RS-232/422/425 (COM 2)
SATA
1 x SATA-600
3 x SATA-300 optional RAID 0/1/10/5 (only for Intel® Q67)
Hardware Monitoring
Detect CPU/System temperature, voltage and fan speed
Ethernet
1 ports as 10/100/1000 Mbps supports Wake-on-LAN,
RPL/PXE Boot ROM with Intel® 82579LM
2 ports as 10/100/1000 Mbps supports Wake-on-LAN,
RPL/PXE Boot ROM with Intel® 82583V
Audio
HD Codec audio as MIC-in/Line-in/Line-out/speaker-out
with Audio kit AX93242 (optional)
USB
6 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Standard
SBC81210VGG-B65
(P/N: E381210100)
PICMG 1.0 full-size CPU card with LGA1155 socket, Intel®
B65, VGA, 2 GbE LANs and 6 USB
SBC81210PGG-B65
(P/N: E381210101)
PICMG 1.0 full-size CPU card with LGA1155 socket, Intel®
B65, DisplayPort, 2 GbE LANs and 6 USB
SBC81210VGG-Q67
(P/N: E381210102)
PICMG 1.0 full-size CPU card with LGA1155 socket, Intel®
Q67, VGA, 2 GbE LANs and 6 USB
Optional
5938A808010E
2 x USB cable with bracket, P=2.54 mm, L=190 mm
59380000290E
PS/2 keyboard & mouse cable with bracket
E393242100
AX93242 HD audio converter kit
593826A0000E
SATA signal cable, 500 mm
593836A0030E
4 pin power cable to SATA x 2, L=150 mm
E9B900C000
LGA1156 cooler 4-pin, H=61.4 mm
50761222000E
LGA1156 2U cooler 3-pin, H=68.8 mm
Standard
Quick installation guide, user's manual/utility CD, cable
Cable
Part Number
Description
Qty
59380502000E
COM+Print cable w/bracket
1
593826A0000E
SATA signal cable 500 mm
1
59381400000E
FDD cable
1
CPU
LGA1155 socket Intel® Core™ i7/i5/i3 processor
System Memory
2 x 240-pin DDR3-1066/1333 DIMM, up to 8GB
Chipset
Intel® B65 (Intel® Q67 as option)
BIOS
AMI UEFI BIOS
SSD
N/A
Watchdog Timer
225 levels, 1~255 sec.
Expansion Interface
4 x 32 bit PCI bus masters
No ISA bus supported
Battery Lithium
3v/220 mAH
Power Requirements
Intel® i5-2500 @ 3.1 GHz, 4 G DDR3
+5V_SBY @ 41mA, +3.3V @ 26mA
+5V @ 3.705A, +12V @ 698mA, -12V @ 26mA
Size
338 x 122 mm
Board Thickness
1.6 mm
Temperature
0°C ~ +60°C (32°F ~ 140°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
DDR3 DIMM
FDD
COM 1/2
Ethernet
USB
Internal K/B+M/S
VGA/
DisplayPort
LPT
SATA-600
3 x SATA-300
LGA1155
Display
I/O
Ordering Information
Packing List
Core System
Chipset
Intel® HD Graphics
Memory Size
Max. up 352 MB frame buffer dedicated memory
Display Interface
1 x VGA
1 x DisplayPort (optional)
DDR3
DDR3
DDR3
SBC81210
PICMG 1.0 Full-size CPU Card with LGA1155 Intel® Core™ i7/i5/i3 Processor,
Intel® B65/Q67, VGA and Dual LANs
Features
LGA1155 socket Intel® Core™ i7/i5/i3 processor
Intel® B65 chipset (Intel® Q67 chipset as option)
2 DDR3-1066/1333 DIMM, up to 8GB
VGA and optional DisplayPort with dual view supported
Supports Intel® HD Graphics


Similar Part No. - SBC81210_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SBC81210 AXIOMTEK-SBC81210_14 Datasheet
189Kb / 1P
   2 DDR3 1066/1333 DIMM support up to 8 GB memory capacity
SBC81210 AXIOMTEK-SBC81210_16 Datasheet
178Kb / 1P
   2 DDR3-1066/1333 DIMM support up to 8 GB memory capacity
More results

Similar Description - SBC81210_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SHB106 AXIOMTEK-SHB106_17 Datasheet
170Kb / 1P
   PICMG 1.3 Full-size CPU Card with LGA1155 Intel Core i7/i5/i3 Processor
SHB108 AXIOMTEK-SHB108_17 Datasheet
210Kb / 1P
   PICMG 1.3 Full-size CPU Card with LGA1155 Intel Core i7/i5/i3 & Xeon
SHB120 AXIOMTEK-SHB120_17 Datasheet
189Kb / 1P
   PICMG 1.3 Full-size CPU Card with LGA1155 3rd Gen Intel Core i7/i5/i3 Processor
SHB130 AXIOMTEK-SHB130_17 Datasheet
234Kb / 1P
   PICMG 1.3 Full-size CPU Card with LGA1150 4th Gen Intel Core i7/i5/i3 Processor
SHB111 AXIOMTEK-SHB111_17 Datasheet
174Kb / 1P
   PICMG 1.3 Full-size CPU Card with Socket G Intel Core i7/i5/i3 & Celeron
logo
Adlink Technology Inc.
NUPRO-E42 ADLINK-NUPRO-E42 Datasheet
396Kb / 1P
   PICMG 1.3 Full-Size LGA1150 Intel Core i7/i5/i3/Pentium Processor-based SHB
logo
Axiomtek Co., Ltd.
SHB230 AXIOMTEK-SHB230_17 Datasheet
250Kb / 1P
   PICMG 1.3 Half-size CPU Card with LGA1150 4th Gen Intel Core i7/i5/i3
logo
AAEON Technology
FSB-B75H AAEON-FSB-B75H Datasheet
356Kb / 2P
   Full-Size SBC with Intel 3rd Generation Core i7/i5/i3 Processor
logo
Axiomtek Co., Ltd.
SHB213 AXIOMTEK-SHB213_17 Datasheet
190Kb / 1P
   PICMG 1.3 Half-size CPU Card with Socket G2 2nd Gen Intel Core i7/i5/i3
logo
List of Unclassifed Man...
IMB-770 ETC2-IMB-770 Datasheet
1Mb / 2P
   Socket LGA1155 for Intel Core i7/i5/i3/Celeron
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com