Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFBS4652-TR3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TFBS4652-TR3
Description  Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFBS4652-TR3 Datasheet(HTML) 4 Page - Vishay Siliconix

  TFBS4652-TR3 Datasheet HTML 1Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 2Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 3Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 4Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 5Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 6Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 7Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 8Page - Vishay Siliconix TFBS4652-TR3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TFBS4652
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 28-Jan-14
4
Document Number: 84671
For technical questions within your region: irdasupportAM@vishay.com, irdasupportAP@vishay.com, irdasupportEU@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•Tamb = 25 °C, VCC = 2.4 V to 3.6 V unless otherwise noted. Typical values are for design aid only, not guaranteed nor subject to production
testing.
(1) This parameter reflects the backlight test of the IrDA physical layer specification to guarantee immunity against light from fluorescent lamps.
(2) IrDA sensitivity definition: minimum irradiance Ee in angular range, power per unit area. The receiver must meet the BER specification while
the source is operating at the minimum intensity in angular range into the minimum half-angular range at the maximum link length.
(3) Maximum irradiance Ee in angular range, power per unit area. The optical delivered to the detector by a source operating at the maximum
intensity in angular range at minimum link length must not cause receiver overdrive distortion and possible related link errors. If placed at
the active output interface reference plane of the transmitter, the receiver must meet its bit error ratio (BER) specification. For more
definitions see the document “Symbols and Terminology” on the Vishay website
(4) RXD output is edge triggered by the rising edge of the optical input signal. The output pulse duration is independent of the input pulse
duration.
(5) The radiant intensity can be adjusted by the external current limiting resistor to adapt the intensity to the desired value. The given value is
for minimum current consumption. This transceiver can be adapted to > 50 cm operation by increasing the current to > 200 mA, e.g.
operating the transceiver without current control resistor (i.e. R1 = 0
Ω) and using the internal current control.
OPTOELECTRONIC CHARACTERISTICS
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
RECEIVER
Sensitivity:
minimum irradiance Ee in
angular range (1)(2)
9.6 kbit/s to 115.2 kbit/s
λ = 850 nm to 900 nm
Ee
40
(4)
81
(8.1)
mW/m2
(μW/cm2)
Maximum irradiance Ee in
angular range (3)
λ = 850 nm to 900 nm
Ee
5
(500)
kW/m2
(mW/cm2)
No output receiver input
irradiance
According to IrDA IrPHY 1.4,
appendix A1, fluorescent light
specification
Ee
4
(0.4)
mW/m2
(μW/cm2)
Rise time of output signal
10 % to 90 %, CL = 15 pF
tr (RXD)
20
100
ns
Fall time of output signal
90 % to 10 %, CL = 15 pF
tf (RXD)
20
100
ns
RXD pulse width of output
signal, 50 % (4)
Input pulse width
1.63 μs
tPW
1.7
2.9
μs
Receiver start up time
Power on delay
100
150
μs
Latency
tL
30
50
100
μs
TRANSMITTER
IRED operating current, current
controlled
The IRED current is internally
controlled but also can be
reduced by an external resistor R1
ID
200
400
mA
Output leakage IRED current
Tamb = 85°C
IIRED
1μA
Output radiant intensity (5)
a = 0°, 15°, TXD = high, SD = low,
VCC1 = 3 V, VCC2 = 3 V, R1 = 30
Ω
(resulting in about 50 mA drive
current)
Ie
4
150
mW/sr
Output radiant intensity (5)
a = 0°, 15°, TXD = high, SD = low,
VCC1 = 3 V, VCC2 = 3 V, R1 = 0
Ω,
IF = 300 mA
Ie
25
mW/sr
Output radiant intensity (5)
VCC1 = 5 V, a = 0°, 15°
TXD = low or SD = high
(receiver is inactive as long as
SD = high)
Ie
0.04
mW/sr
Saturation voltage of IRED
driver
VCC = 3 V, IF = 50 mA
VCEsat
0.4
V
Peak - emission wavelength
λp
880
886
900
nm
Optical rise time,
optical fall time
tropt,
tfopt
20
100
ns
Optical output pulse duration
Input pulse width t < 30 μs
Input pulse width t
≥ 30 μs
topt
topt
30
t
50
300
μs
μs
Optical output pulse duration
Input pulse width t = 1.63 μs
topt
1.45
1.61
2.2
μs
Optical overshoot
20
%


Similar Part No. - TFBS4652-TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4652-TR3 VISHAY-TFBS4652-TR3 Datasheet
220Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652-TR3 VISHAY-TFBS4652-TR3 Datasheet
226Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 17-Sep-09
TFBS4652-TR3 VISHAY-TFBS4652-TR3 Datasheet
347Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)s
01-Jan-2022
More results

Similar Description - TFBS4652-TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4652 VISHAY-TFBS4652 Datasheet
220Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_V02 Datasheet
348Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.5,16-Sep-09
TFBS4650 VISHAY-TFBS4650_08 Datasheet
262Kb / 14P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.2, 28-May-08
TFBS4652 VISHAY-TFBS4652_09 Datasheet
226Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 17-Sep-09
TFBS4650 VISHAY-TFBS4650_V02 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4652 VISHAY-TFBS4652_V01 Datasheet
347Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)s
01-Jan-2022
TFBS4650 VISHAY-TFBS4650_V01 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2022
TFBS4650 VISHAY-TFBS4650 Datasheet
227Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s)
Rev. 1.4, 26-Jan-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com