Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK52AS Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # SK52AS
Description  5A Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SK52AS Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  SK52AS Datasheet HTML 1Page - Chip Integration Technology Corporation SK52AS Datasheet HTML 2Page - Chip Integration Technology Corporation SK52AS Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
0.1
1.0
.01
10
50
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
1.0
2.0
3.0
4.0
5.0
6.0
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100
120
140
.01
O
T =125 C
J
O
T =25 C
J
O
T =25 C
J
AMBIENT TEMPERATURE,( C)
0
0
20
40
60
80
100
120
140
160
180
200
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
1000
1200
1400
800
600
400
200
0
.01
.05
.1
.5
1
5
10
50
100
60
30
0
90
150
120
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
O
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
5A Surface Mount Schottky Barrier Rectifiers
SK52AS THRU SK520AS
Document ID : DS-12K3M
Revised Date : 2017/01/23
Revision : C8


Similar Part No. - SK52AS

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SK52A GOOD-ARK-SK52A Datasheet
1Mb / 6P
   Surface Mount Schottky Rectifier
logo
Chip Integration Techno...
SK52A CITC-SK52A Datasheet
460Kb / 3P
   5A Surface Mount Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SK52A-L MCC-SK52A-L Datasheet
230Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52AFL MCC-SK52AFL Datasheet
637Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
SK52AFL MCC-SK52AFL Datasheet
730Kb / 3P
   5.0 Amp Schottky Rectifiers 20 to 200 Volts
More results

Similar Description - SK52AS

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
SK52B CITC-SK52B Datasheet
460Kb / 3P
   5A Surface Mount Schottky Barrier Rectifiers
SK54MAFG CITC-SK54MAFG Datasheet
505Kb / 4P
   5A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SK52 FRONTIER-SK52 Datasheet
124Kb / 2P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS52B FRONTIER-SS52B Datasheet
124Kb / 2P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK52C CITC-SK52C Datasheet
471Kb / 3P
   5A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SS52B-LFR FRONTIER-SS52B-LFR Datasheet
124Kb / 2P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK52A CITC-SK52A Datasheet
460Kb / 3P
   5A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SK52-LFR FRONTIER-SK52-LFR Datasheet
125Kb / 2P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS52 FRONTIER-SS52 Datasheet
124Kb / 2P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS52-LFR FRONTIER-SS52-LFR Datasheet
124Kb / 2P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com