Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9253 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9253
Description  Serial LVDS 1.8 V Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9253 Datasheet(HTML) 1 Page - Analog Devices

  AD9253 Datasheet HTML 1Page - Analog Devices AD9253 Datasheet HTML 2Page - Analog Devices AD9253 Datasheet HTML 3Page - Analog Devices AD9253 Datasheet HTML 4Page - Analog Devices AD9253 Datasheet HTML 5Page - Analog Devices AD9253 Datasheet HTML 6Page - Analog Devices AD9253 Datasheet HTML 7Page - Analog Devices AD9253 Datasheet HTML 8Page - Analog Devices AD9253 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
Serial LVDS 1.8 V Analog-to-Digital Converter
Data Sheet
AD9253
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
1.8 V supply operation
Low power: 110 mW per channel at 125 MSPS with scalable
power options
SNR = 74 dB (to Nyquist)
SFDR = 90 dBc (to Nyquist)
DNL = ±0.75 LSB (typical); INL = ±2.0 LSB (typical)
Serial LVDS (ANSI-644, default) and low power, reduced
signal option (similar to IEEE 1596.3)
650 MHz full power analog bandwidth
2 V p-p input voltage range
Serial port control
Full chip and individual channel power-down modes
Flexible bit orientation
Built-in and custom digital test pattern generation
Multichip sync and clock divider
Programmable output clock and data alignment
Programmable output resolution
Standby mode
APPLICATIONS
Medical ultrasound
High speed imaging
Quadrature radio receivers
Diversity radio receivers
Test equipment
GENERAL DESCRIPTION
The AD9253 is a quad, 14-bit, 80 MSPS/105 MSPS/125 MSPS
analog-to-digital converter (ADC) with an on-chip sample-
and-hold circuit designed for low cost, low power, small size,
and ease of use. The product operates at a conversion rate of
up to 125 MSPS and is optimized for outstanding dynamic
performance and low power in applications where a small
package size is critical.
The ADC requires a single 1.8 V power supply and LVPECL-/
CMOS-/LVDS-compatible sample rate clock for full performance
operation. No external reference or driver components are
required for many applications.
The ADC automatically multiplies the sample rate clock for the
appropriate LVDS serial data rate. A data clock output (DCO) for
capturing data on the output and a frame clock output (FCO)
for signaling a new output byte are provided. Individual-channel
power-down is supported and typically consumes less than 2 mW
when all channels are disabled. The ADC contains several features
designed to maximize flexibility and minimize system cost, such
FUNCTIONAL BLOCK DIAGRAM
AD9253
AVDD
PDWN
DRVDD
REF
SELECT
VIN–A
VIN+A
VIN–B
VIN+B
VIN–D
VIN+D
VIN–C
VIN+C
SENSE
AGND
VCM
VREF
D0–A
D0+A
D0–B
D0+B
D1–B
D1+B
D1–C
D1+C
D0–C
D0+C
D1–D
D1+D
DCO–
DCO+
D0–D
D0+D
FCO–
FCO+
D1–A
D1+A
RBIAS
PIPELINE
ADC
PIPELINE
ADC
PIPELINE
ADC
SERIAL
LVDS
DIGITAL
SERIALIZER
DIGITAL
SERIALIZER
DIGITAL
SERIALIZER
DIGITAL
SERIALIZER
CLOCK
MANAGEMENT
SERIAL PORT
INTERFACE
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
PIPELINE
ADC
14
14
14
14
1V
Figure 1.
as programmable output clock and data alignment and digital
test pattern generation. The available digital test patterns
include built-in deterministic and pseudorandom patterns, along
with custom user-defined test patterns entered via the serial port
interface (SPI).
The AD9253 is available in a RoHS-compliant, 48-lead LFCSP.
It is specified over the industrial temperature range of −40°C to
+85°C. This product is protected by a U.S. patent.
PRODUCT HIGHLIGHTS
1.
Small Footprint. Four ADCs are contained in a small, space-
saving package.
2.
Low power of 110 mW/channel at 125 MSPS with scalable
power options.
3.
Pin compatible to the AD9633 12-bit quad ADC.
4.
Ease of Use. A data clock output (DCO) operates at
frequencies of up to 500 MHz and supports double data
rate (DDR) operation.
5.
User Flexibility. The SPI control offers a wide range of
flexible features to meet specific system requirements.


Similar Part No. - AD9253

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9253 AD-AD9253 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9253-125EBZ AD-AD9253-125EBZ Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9253BCPZ-105 AD-AD9253BCPZ-105 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9253BCPZ-125 AD-AD9253BCPZ-125 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9253BCPZ-80 AD-AD9253BCPZ-80 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
More results

Similar Description - AD9253

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9655 AD-AD9655_17 Datasheet
1Mb / 38P
   Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
AD9655 AD-AD9655 Datasheet
1Mb / 37P
   Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
AD9681 AD-AD9681 Datasheet
1Mb / 40P
   Octal, 14-Bit, 125 MSPS, Serial LVDS, 1.8 V Analog-to-Digital Converter
REV. A
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com