Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9257 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9257
Description  1.8 V Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9257 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9257 Datasheet HTML 7Page - Analog Devices AD9257 Datasheet HTML 8Page - Analog Devices AD9257 Datasheet HTML 9Page - Analog Devices AD9257 Datasheet HTML 10Page - Analog Devices AD9257 Datasheet HTML 11Page - Analog Devices AD9257 Datasheet HTML 12Page - Analog Devices AD9257 Datasheet HTML 13Page - Analog Devices AD9257 Datasheet HTML 14Page - Analog Devices AD9257 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
AD9257
Data Sheet
Rev. A | Page 10 of 40
Pin No.
Mnemonic
Description
54
RBIAS
Sets analog current bias. Connect to 10 kΩ (1% tolerance) resistor to ground.
55
SENSE
Reference Mode Selection.
56
VREF
Voltage Reference Input/Output.
57
VCM
Analog Output Voltage at Midsupply. Sets common mode of the analog inputs.
58
SYNC
Digital Input. SYNC input to clock divider. 30 kΩ internal pull-down.
60, 61
VIN+ E, VIN− E
ADC E Analog Input True, ADC E Analog Input Complement.
63, 64
VIN− F, VIN+ F
ADC F Analog Input Complement, ADC F Analog Input True.


Similar Part No. - AD9257

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9257 AD-AD9257 Datasheet
1Mb / 40P
   Octal, 14-Bit, 40/65 MSPS, Serial LVDS
REV. 0
AD9257-65EBZ AD-AD9257-65EBZ Datasheet
1Mb / 40P
   Octal, 14-Bit, 40/65 MSPS, Serial LVDS
REV. 0
AD9257BCPZ-40 AD-AD9257BCPZ-40 Datasheet
1Mb / 40P
   Octal, 14-Bit, 40/65 MSPS, Serial LVDS
REV. 0
AD9257BCPZ-65 AD-AD9257BCPZ-65 Datasheet
1Mb / 40P
   Octal, 14-Bit, 40/65 MSPS, Serial LVDS
REV. 0
AD9257BCPZRL7-40 AD-AD9257BCPZRL7-40 Datasheet
1Mb / 40P
   Octal, 14-Bit, 40/65 MSPS, Serial LVDS
REV. 0
More results

Similar Description - AD9257

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_17 Datasheet
1,007Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9434 AD-AD9434_17 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com