Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9637 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9637
Description  1.8 V Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9637 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9637_17 Datasheet HTML 2Page - Analog Devices AD9637_17 Datasheet HTML 3Page - Analog Devices AD9637_17 Datasheet HTML 4Page - Analog Devices AD9637_17 Datasheet HTML 5Page - Analog Devices AD9637_17 Datasheet HTML 6Page - Analog Devices AD9637_17 Datasheet HTML 7Page - Analog Devices AD9637_17 Datasheet HTML 8Page - Analog Devices AD9637_17 Datasheet HTML 9Page - Analog Devices AD9637_17 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Data Sheet
AD9637
Rev. A | Page 5 of 40
Parameter1
Temp
AD9637-40
AD9637-80
Unit
CROSSTALK2
25°C
−98
−96
dB
Crosstalk (Overrange Condition)3
25°C
−89
−89
dB
ANALOG INPUT BANDWIDTH, FULL POWER
25°C
650
650
MHz
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Crosstalk is measured at 10 MHz with −1.0 dBFS analog input on one channel and no input on the adjacent channel.
3
Overrange condition is 3 dB above the full-scale input range.
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −1.0 dBFS, unless otherwise noted.
Table 3.
Parameter1
Temp
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
Differential Input Voltage2
Full
0.2
3.6
V p-p
Input Voltage Range
Full
AGND − 0.2
AVDD + 0.2
V
Input Common-Mode Voltage
Full
0.9
V
Input Resistance (Differential)
25°C
15
kΩ
Input Capacitance
25°C
4
pF
LOGIC INPUTS (PDWN, SYNC, SCLK)
Logic 1 Voltage
Full
1.2
AVDD + 0.2
V
Logic 0 Voltage
Full
0
0.8
V
Input Resistance
25°C
30
kΩ
Input Capacitance
25°C
2
pF
LOGIC INPUT (CSB)
Logic 1 Voltage
Full
1.2
AVDD + 0.2
V
Logic 0 Voltage
Full
0
0.8
V
Input Resistance
25°C
26
kΩ
Input Capacitance
25°C
2
pF
LOGIC INPUT (SDIO)
Logic 1 Voltage
Full
1.2
AVDD + 0.2
V
Logic 0 Voltage
Full
0
0.8
V
Input Resistance
25°C
26
kΩ
Input Capacitance
25°C
5
pF
LOGIC OUTPUT (SDIO)3
Logic 1 Voltage (IOH = 800 μA)
Full
1.79
V
Logic 0 Voltage (IOL = 50 μA)
Full
0.05
V
DIGITAL OUTPUTS (D± x), ANSI-644
Logic Compliance
LVDS
Differential Output Voltage (VOD)
Full
247
350
454
mV
Output Offset Voltage (VOS)
Full
1.13
1.21
1.38
V
Output Coding (Default)
Twos complement
DIGITAL OUTPUTS (D± x), LOW POWER,
REDUCED SIGNAL OPTION
Logic Compliance
LVDS
Differential Output Voltage (VOD)
Full
150
200
250
mV
Output Offset Voltage (VOS)
Full
1.13
1.21
1.38
V
Output Coding (Default)
Twos complement
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
This is specified for LVDS and LVPECL only.
3
This is specified for 13 SDIO/DFS pins sharing the same connection.


Similar Part No. - AD9637_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9637-80EBZ AD-AD9637-80EBZ Datasheet
1Mb / 40P
   Octal, 12-Bit, 40/80 MSPS, Serial LVDS
REV. 0
AD9637BCPZ-40 AD-AD9637BCPZ-40 Datasheet
1Mb / 40P
   Octal, 12-Bit, 40/80 MSPS, Serial LVDS
REV. 0
AD9637BCPZ-80 AD-AD9637BCPZ-80 Datasheet
1Mb / 40P
   Octal, 12-Bit, 40/80 MSPS, Serial LVDS
REV. 0
AD9637BCPZRL7-40 AD-AD9637BCPZRL7-40 Datasheet
1Mb / 40P
   Octal, 12-Bit, 40/80 MSPS, Serial LVDS
REV. 0
AD9637BCPZRL7-80 AD-AD9637BCPZRL7-80 Datasheet
1Mb / 40P
   Octal, 12-Bit, 40/80 MSPS, Serial LVDS
REV. 0
More results

Similar Description - AD9637_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9257 AD-AD9257_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_17 Datasheet
1,007Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9434 AD-AD9434_17 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com