Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPV4809SA Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPV4809SA
Description  TPV 24V & 48V Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPV4809SA Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPV4809SA Datasheet HTML 1Page - Toppower Electronic Technology Limited TPV4809SA Datasheet HTML 2Page - Toppower Electronic Technology Limited TPV4809SA Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPV 24V & 48V Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 3
MECHANICAL DIMENSIONS
PIN CONNECTIONS
DIP Package
SIP Package
Single output variants
14 PIN DIP
Pin
Function
1
-Vin
7
NC
8
+Vout
10
-Vout
14
+Vin
7 PIN SIP
Pin
Function
1
+Vin
2
-Vin
5
-Vout
7
+Vout
Dual output variants
14 PIN DIP
Pin
Function
1-Vin
7
NC
8+Vout
90V
10
-Vout
14
+Vin
7 PIN SIP
Pin
Function
1+Vin
2-Vin
5-Vout
60V
7+Vout
RECOMMENDED FOOTPRINT DETAILS
14Pin DIP Package
7Pin SIP Package
TUBE OUTLINE DIMENSIONS
14Pin DIP Tube
7Pin SIP Tube
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length (14 Pin DIP) : 520mm ±2mm.
Tube length (7 Pin DIP) : 520mm ±2mm.
Tube Quantity : 25PCS
9.30
5.00
12.00
5.10
0.65
2.54
6
1.00
1.15 6 HOLES
2.54
1.15
1.00
5
5 HOLES
Pin not fitted on single output variants.All dimensions in mm ±0.25mm.
*7.70for 48V variants
**7.50 for 48V variants
All pins on a 2.54mm pitch and within ±0.25mm of true position.
Weight:2.11g(DIP and SIP)
0.30
0.20
15.24
1.25
2.54
YYWW
TPV2415S
19.50
0.55
0.45
TPV2415D
YYWW
19.50
4.60
3.60
2.54
2.13
15.24
0.55
0.45
1
7
8
9
10
14
1 2
5
6
7
1.88±0.50
9.80
6.80
6.00
10.00
0.45
0.55
3.60
4.60
1.09
7.62
0.20
0.30
*
*
*
*
*
bottom view
bottom view
TOPPOWER
TOPPOWER
TOPPOWER


Similar Part No. - TPV4809SA

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPV4809SA-W5 TOPPOWER-TPV4809SA-W5 Datasheet
215Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV4809SA-W5 TOPPOWER-TPV4809SA-W5 Datasheet
855Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

Similar Description - TPV4809SA

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPE TOPPOWER-TPE Datasheet
385Kb / 3P
   TPE 15V, 24V &48V Series
logo
ORION FANS
OD9238VA ORIONFANS-OD9238VA Datasheet
153Kb / 1P
   DC Fan - 12V, 24V and 48V
logo
Maxim Integrated Produc...
MAX22191EVKIT MAXIM-MAX22191EVKIT Datasheet
716Kb / 8P
   24V and 48V Circuits for Easy Evaluation
Rev 0; 3/18
logo
Leadshine Technology Co...
RPS LEADSHINE-RPS Datasheet
231Kb / 5P
   120/230VAC input, 24V/36V/48V/60V output
logo
TDK Electronics
PAF600F TDK-PAF600F Datasheet
225Kb / 2P
   24V 48V Input Full brick DC-DC Converters
logo
Supertex, Inc
HV7100 SUTEX-HV7100 Datasheet
282Kb / 7P
   24V/48V Fan Driver/Controller With High-Side Drive
logo
List of Unclassifed Man...
ZUS62405 ETC2-ZUS62405 Datasheet
492Kb / 12P
   Rated input 5V, 12V, 24V or 48V DC Io=100%.
logo
Power-One
FNP300-1012 POWER-ONE-FNP300-1012 Datasheet
115Kb / 6P
   AC-DC Power Supply 12V, 24V, 48V Output, 300 Watts
logo
ON Semiconductor
LV88561 ONSEMI-LV88561 Datasheet
795Kb / 26P
   Motor Driver, Single-Phase, PWM, Full-Wave, 24V/48V BLDC Motor
April, 2018 ??Rev. 1
logo
ORION FANS
OD1232 ORIONFANS-OD1232_16 Datasheet
1Mb / 4P
   DC Fan - 12V, 24V, 48V 120 x 32mm (4.7.62 x 1.25in)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com