Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9648BCPZ-105 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9648BCPZ-105
Description  Analog-to-Digital Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9648BCPZ-105 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9648BCPZ-105 Datasheet HTML 2Page - Analog Devices AD9648BCPZ-105 Datasheet HTML 3Page - Analog Devices AD9648BCPZ-105 Datasheet HTML 4Page - Analog Devices AD9648BCPZ-105 Datasheet HTML 5Page - Analog Devices AD9648BCPZ-105 Datasheet HTML 6Page - Analog Devices AD9648BCPZ-105 Datasheet HTML 7Page - Analog Devices AD9648BCPZ-105 Datasheet HTML 8Page - Analog Devices AD9648BCPZ-105 Datasheet HTML 9Page - Analog Devices AD9648BCPZ-105 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Data Sheet
AD9648
Rev. C | Page 5 of 41
AD9648-105
AD9648-125
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
POWER CONSUMPTION
DC Input
Full
135.4
155.5
mW
Sine Wave Input (DRVDD = 1.8 V CMOS
Output Mode)
Full
180.4
189.4
211.5
220.5
mW
Sine Wave Input (DRVDD = 1.8 V LVDS
Output Mode)
Full
260
288
mW
Standby Power3
Full
108
120
mW
Power-Down Power
Full
2.0
2.0
mW
1
Measure with a low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.
2
Input capacitance refers to the effective capacitance between one differential input pin and AGND.
3
Standby power is measured with a dc input and with the CLK± pins active (1.8 V CMOS mode).
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS enabled, unless
otherwise noted.
Table 2.
AD9648-105
AD9648-125
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE-RATIO (SNR)
fIN = 9.7 MHz
25°C
75.4
75.0
dBFS
fIN = 30.5 MHz
25°C
75.2
74.7
dBFS
fIN = 70 MHz
25°C
74.8
74.5
dBFS
Full
73.8
73.0
dBFS
fIN = 100 MHz
25°C
73.8
73.9
dBFS
fIN = 200 MHz
25°C
71.0
71.5
dBFS
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 9.7 MHz
25°C
74.3
73.9
dBFS
fIN = 30.5 MHz
25°C
74.0
73.4
dBFS
fIN = 70 MHz
25°C
73.4
73.3
dBFS
Full
73.0
72.8
dBFS
fIN = 100 MHz
25°C
72.8
72.8
dBFS
fIN = 200 MHz
25°C
69.6
70.3
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 9.7 MHz
25°C
12.0
11.9
Bits
fIN = 30.5 MHz
25°C
12.0
11.9
Bits
fIN = 70 MHz
25°C
11.8
11.8
Bits
fIN = 100 MHz
25°C
11.8
11.8
Bits
fIN = 200 MHz
25°C
11.3
11.4
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 9.7 MHz
25°C
−98
−96
dBc
fIN = 30.5 MHz
25°C
−90
−90
dBc
fIN = 70 MHz
25°C
−93
−91
dBc
Full
−86
−82
dBc
fIN = 100 MHz
25°C
−92
−90
dBc
fIN = 200 MHz
25°C
−81
−84
dBc


Similar Part No. - AD9648BCPZ-105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9648BCPZ-105 AD-AD9648BCPZ-105 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9648BCPZ-105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com