Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9689BBPZ-2000 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9689BBPZ-2000
Description  Dual Analog-to-Digital Converter
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689BBPZ-2000 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9689BBPZ-2000 Datasheet HTML 7Page - Analog Devices AD9689BBPZ-2000 Datasheet HTML 8Page - Analog Devices AD9689BBPZ-2000 Datasheet HTML 9Page - Analog Devices AD9689BBPZ-2000 Datasheet HTML 10Page - Analog Devices AD9689BBPZ-2000 Datasheet HTML 11Page - Analog Devices AD9689BBPZ-2000 Datasheet HTML 12Page - Analog Devices AD9689BBPZ-2000 Datasheet HTML 13Page - Analog Devices AD9689BBPZ-2000 Datasheet HTML 14Page - Analog Devices AD9689BBPZ-2000 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 11 of 134
CLK–
CLK+
SYSREF–
SYSREF+
tH_SR
tSU_SR
Figure 3. CLK+ to SYSREF+ Setup and Hold Timing Diagram
SCLK
SDIO
CSB
DON’T CARE
DON’T CARE
tS
tDS
tH
tCLK
tACCESS
tDH
tLOW
tHIGH
DON’T CARE
R/W
A14
A13
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D0
D1
DON’T CARE
Figure 4. SPI Interface Timing Diagram


Similar Part No. - AD9689BBPZ-2000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9680 AD-AD9680 Datasheet
3Mb / 97P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
AD9680 AD-AD9680 Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
AD9680-1000EBZ AD-AD9680-1000EBZ Datasheet
3Mb / 97P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
AD9680-1000EBZ AD-AD9680-1000EBZ Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
AD9680-1250EBZ AD-AD9680-1250EBZ Datasheet
3Mb / 97P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
More results

Similar Description - AD9689BBPZ-2000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
   Dual Analog-to-Digital Converter
AD9680 AD-AD9680_17 Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9250 AD-AD9250_17 Datasheet
1Mb / 45P
   Dual Analog-to-Digital Converter
AD9691 AD-AD9691_17 Datasheet
1Mb / 73P
   Dual Analog-to-Digital Converter
AD9695 AD-AD9695 Datasheet
5Mb / 136P
   Dual Analog-to-Digital Converter
AD9640 AD-AD9640_17 Datasheet
1Mb / 54P
   1.8V Dual Analog-to-Digital Converter
logo
Texas Instruments
TMS57014A TI-TMS57014A Datasheet
227Kb / 16P
[Old version datasheet]   DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC725 BURR-BROWN-DAC725 Datasheet
102Kb / 7P
   Dual 16-Bit DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com