Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF128K16-37H1C Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WSF128K16-37H1C
Description  128K X 16 SRAM /FLASH MODULE SMD 5962-96900
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WSF128K16-37H1C Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button WSF128K16-37H1C Datasheet HTML 2Page - List of Unclassifed Manufacturers WSF128K16-37H1C Datasheet HTML 3Page - List of Unclassifed Manufacturers WSF128K16-37H1C Datasheet HTML 4Page - List of Unclassifed Manufacturers WSF128K16-37H1C Datasheet HTML 5Page - List of Unclassifed Manufacturers WSF128K16-37H1C Datasheet HTML 6Page - List of Unclassifed Manufacturers WSF128K16-37H1C Datasheet HTML 7Page - List of Unclassifed Manufacturers WSF128K16-37H1C Datasheet HTML 8Page - List of Unclassifed Manufacturers WSF128K16-37H1C Datasheet HTML 9Page - List of Unclassifed Manufacturers WSF128K16-37H1C Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
White Electronic Designs Corporation • Phoenix AZ • (602) 437-1520
WSF128K16-XXX
FLASH AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS, FWE CONTROLLED
(VCC = 5.0V, TA = -55°C TO +125°C)
Parameter
Symbol
-70
-120
Unit
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
70
120
ns
Chip Select Setup Time
tELWL
tCS
00
ns
Write Enable Pulse Width
tWLWH
tWP
35
50
ns
Address Setup Time
tAVWL
tAS
00
ns
Data Setup Time
tDVWH
tDS
30
50
ns
Data Hold Time
tWHDX
tDH
00
ns
Address Hold Time
t WLAX
tAH
45
50
ns
Chip Select Hold Time
tWHEH
tCH
00
ns
Write Enable Pulse Width High
tWHWL
tWPH
20
20
ns
Duration of Byte Programming Operation (min)
tWHWH1
14
14
µs
Chip and Sector Erase Time
tWHWH2
2.2
60
2.2
60
sec
Read Recovery Time Before Write
tGHWL
00
µs
VCC Set-up Time
tVCS
50
50
µs
Chip Programming Time
12.5
12.5
sec
Output Enable Setup Time
tOES
00
ns
Output Enable Hold Time (1)
tOEH
10
10
ns
FLASH AC CHARACTERISTICS – READ ONLY OPERATIONS
(VCC = 5.0V, TA = -55°C TO +125°C)
Parameter
Symbol
-70
-120
Unit
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
70
120
ns
Address Access Time
tAVQV
tACC
70
120
ns
Chip Select Access Time
tELQV
tCE
70
120
ns
OE to Output Valid
tGLQV
tOE
35
50
ns
Chip Select to Output High Z (1)
tEHQZ
tDF
20
30
ns
OE High to Output High Z (1)
tGHQZ
tDF
20
30
ns
Output Hold from Address, CS or OE Change, whichever is first
tAXQX
tOH
00
ns
1. Guaranteed by design, not tested.
1. For Toggle and Data Polling.


Similar Part No. - WSF128K16-37H1C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF128K16-37H1C WEDC-WSF128K16-37H1C Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
WSF128K16-37H1CA WEDC-WSF128K16-37H1CA Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
More results

Similar Description - WSF128K16-37H1C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
logo
Austin Semiconductor
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
logo
List of Unclassifed Man...
WSF128K32 ETC1-WSF128K32 Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WS512K32-15G1 ETC-WS512K32-15G1 Datasheet
614Kb / 11P
   512K X 32 SRAM MODULE SMD 5962-94611
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com