Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEM846 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # CEM846
Description  COM Express Type 10 Mini Module with Intel Atom E3800 Family
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CEM846 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  CEM846_17 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
94
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
1
0
MIO
1 x LPC interface
2 x Serial TX/RX
SATA
2 x SATA-300 support
Hardware Monitoring
Yes
Ethernet
1 port as 10/100/1000 Mbps supports Wake-on-LAN,
PXE Boot ROM with Intel® i210IT
Audio
HD link interface to baseboard for Codec
USB
8 x USB 2.0
1 x USB 3.0
TPM
N/A
SMBus
Yes
Digital I/O
4 channels IN & 4 channels OUT
Chipset
Intel® HD graphics (Gen 7 Gfx) display engine
Gfx APIs – DX11, OCL 1.2, OGL 3.2
2 independent displays
Display Interface
1 x LVDS; 18/24-bit single channel
1 x DDI (DP, HDMI, DVI)
CPU
Intel® Atom™ processor E3845 1.91 GHz quad core, Atom™
E3827 1.75 GHz dual core, or Atom™ E3815 1.46 GHz single
core onboard
System Memory
Onboard extended temperature DDR3L, up to 4GB
Chipset
SoC integrated
BIOS
AMI uEFI
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec. or min.
Expansion Interface
4 x PCIe x1 devices (3 x 1 while internal LAN is connected)
Battery Lithium
N/A
Power Input
DC input: 4.75V ~ 20V or ATX 4.75V~20V/+5VSB
Size
84 x 55 mm
Board Thickness
2.0 mm
Temperature
-40ºC ~ +85ºC (-40ºF ~ +185ºF), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
Standard
CEM846PG-E3845-4G
(P/N: E380846105)
COM Express Type 10 mini module with Intel® Atom™ E3845,
4GB, DDI/LVDS, GbE LAN and USB 3.0
CEM846PG-E3827-4G
(P/N: E380846104)
COM Express Type 10 mini module with Intel® Atom™ E3827,
4GB, DDI/LVDS, GbE LAN and USB 3.0
CEM846PG-E3815-2G
(P/N: E380846103)
COM Express Type 10 mini module with Intel® Atom™ E3815,
2GB, DDI/LVDS, GbE LAN and USB 3.0
Optional Accessories
CEM94008
(P/N: E394008100)
ATX from factor Type 10 evaluation board
5078D840100E
CEM840 heat spreader
5078D840200E
CEM840 heat sink with fan
5078D840300E
CEM840 heatsink without fan
I/O
Packing List
Core System
Quick installation guide, user’s manual/utility CD
Display
Rear view
On-board DDR3L
COM Express
Interface Connector
On-board DDR3L
E38xx SoC
Ordering Information
CEM846
COM Express Type 10 Mini Module with Intel® Atom™ E3800 Family
Features
Intel® Atom™ processor (Bay Trail)
Onboard DDR3L up to 4GB
Max. up to 4 lanes of PCIe
2 SATA-300
8 USB 2.0 and 1 USB 3.0
NEW
Low Power
USB 3.0
USB
USB
DualView
Full Solid
Cap Design
Ext. Temp
AiRD
DDR3L
DDR3L
DDR3L


Similar Part No. - CEM846_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM846PG-E3815-2G AXIOMTEK-CEM846PG-E3815-2G Datasheet
359Kb / 1P
   E3800 Family COM Express Type 10 Mini Module
CEM846PG-E3815-4G AXIOMTEK-CEM846PG-E3815-4G Datasheet
359Kb / 1P
   E3800 Family COM Express Type 10 Mini Module
CEM846PG-E3827-2G AXIOMTEK-CEM846PG-E3827-2G Datasheet
359Kb / 1P
   E3800 Family COM Express Type 10 Mini Module
CEM846PG-E3827-4G AXIOMTEK-CEM846PG-E3827-4G Datasheet
359Kb / 1P
   E3800 Family COM Express Type 10 Mini Module
CEM846PG-E3845-2G AXIOMTEK-CEM846PG-E3845-2G Datasheet
359Kb / 1P
   E3800 Family COM Express Type 10 Mini Module
More results

Similar Description - CEM846_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM840 AXIOMTEK-CEM840 Datasheet
316Kb / 1P
   Intel Atom E3800 Family COM Express Type 10 Mini Module
CEM846 AXIOMTEK-CEM846 Datasheet
359Kb / 1P
   E3800 Family COM Express Type 10 Mini Module
logo
DFI Inc
BT9A3 DFI-BT9A3 Datasheet
1Mb / 2P
   Intel Atom E3800 Series COM Express Mini
logo
List of Unclassifed Man...
EMNANO-I2300 ETC2-EMNANO-I2300 Datasheet
1Mb / 2P
   Intel Atom E3800 series processor COM Express짰 Mini Type 10 CPU Module
logo
Advantech Co., Ltd.
SOM-7567 ADVANTECH-SOM-7567 Datasheet
1Mb / 2P
   Intel Atom/Celeron Processor COM Express Mini Module
SOM-7562B1 ADVANTECH-SOM-7562B1_14 Datasheet
557Kb / 2P
   Intel Atom Processor N455 COM Express Mini Module
logo
AAEON Technology
NANOCOM-CV AAEON-NANOCOM-CV Datasheet
259Kb / 2P
   COM Express Type 10 CPU Module with Onboard Intel Atom N2600 Processor
logo
Advantech Co., Ltd.
SOM-7565A2 ADVANTECH-SOM-7565A2 Datasheet
804Kb / 2P
   Intel Atom Processor N2600/N2800 COM Express Mini Module
logo
AAEON Technology
NANOCOM-TC AAEON-NANOCOM-TC Datasheet
229Kb / 2P
   COM Express Type 10 CPU Module with Onboard Intel Atom E620/E680 Processor
logo
DFI Inc
BT968 DFI-BT968 Datasheet
1Mb / 2P
   Intel AtomTM E3800 Series COM Express Compact
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com