Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF128K16-37G1UCA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WSF128K16-37G1UCA
Description  128K X 16 SRAM /FLASH MODULE SMD 5962-96900
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WSF128K16-37G1UCA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WSF128K16-37G1UCA Datasheet HTML 1Page - List of Unclassifed Manufacturers WSF128K16-37G1UCA Datasheet HTML 2Page - List of Unclassifed Manufacturers WSF128K16-37G1UCA Datasheet HTML 3Page - List of Unclassifed Manufacturers WSF128K16-37G1UCA Datasheet HTML 4Page - List of Unclassifed Manufacturers WSF128K16-37G1UCA Datasheet HTML 5Page - List of Unclassifed Manufacturers WSF128K16-37G1UCA Datasheet HTML 6Page - List of Unclassifed Manufacturers WSF128K16-37G1UCA Datasheet HTML 7Page - List of Unclassifed Manufacturers WSF128K16-37G1UCA Datasheet HTML 8Page - List of Unclassifed Manufacturers WSF128K16-37G1UCA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
WSF128K16-XXX
ABSOLUTE MAXIMUM RATINGS
DC CHARACTERISTICS
(VCC = 5.0V, VSS = 0V, TA = -55°C TO +125°C)
Parameter
Symbol
Conditions
Min
Max
Unit
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
µA
Output Leakage Current
I LO
SCS = VIH, OE = VIH, VOUT = GND to VCC
10
µA
SRAM Operating Supply Current x 16 Mode
ICCx16
SCS = VIL, OE = FCS = VIH, f = 5MHz, VCC = 5.5
360
mA
Standby Current
ISB
FCS = SCS = VIH, OE = VIH, f = 5MHz, VCC = 5.5
40
mA
SRAM Output Low Voltage
VOL
IOL = 2.1mA, VCC = 4.5
0.4
V
SRAM Output High Voltage
VOH
IOH = -1.0mA, VCC = 4.5
2.4
V
Flash VCC Active Current for Read (1)
I CC1
FCS = VIL, OE = SCS = VIH
100
mA
Flash VCC Active Current for Program or
I CC2
FCS = VIL, OE = SCS = VIH
130
mA
Erase (2)
Flash Output Low Voltage
VOL
IOL = 8.0mA, VCC = 4.5
0.45
V
Flash Output High Voltage
VOH1
IOH = -2.5 mA, VCC = 4.5
0.85 x VCC
V
Flash Output High Voltage
VOH2
IOH = -100 µA, VCC = 4.5
VCC -0.4
V
Flash Low VCC Lock Out Voltage
VLKO
3.2
V
Parameter
Flash Data Retention
10 years
Flash Endurance (write/erase cycles)
10,000
NOTES:
1. Stresses above the absolute maximum rating may cause permanent damage to
the device. Extended operation at the maximum levels may degrade
performance and affect reliability.
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
-0.5
+0.8
V
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Operating Temperature
T A
-55
+125
°C
Storage Temperature
TSTG
-65
+150
°C
Signal Voltage Relative to GND
VG
-0.5
7.0
V
Junction Temperature
TJ
150
°C
Supply Voltage
VCC
-0.5
7.0
V
NOTES:
1. The ICC current listed includes both the DC operating current and the frequency dependent component (@ 5 MHz).
The frequency component typically is less than 2 mA/MHz, with OE at VIH.
2. ICC active while Embedded Algorithm (program or erase) is in progress.
3. DC test conditions: VIL = 0.3V, VIH = VCC - 0.3V
SRAM TRUTH TABLE
SCS
OE
SWE
Mode
Data I/O
Power
H
X
X
Standby
High Z
Standby
L
L
H
Read
Data Out
Active
L
H
H
Read
High Z
Active
L
X
L
Write
Data In
Active
CAPACITANCE
(TA = +25°C)
Test
Symbol
Condition
Max Unit
OE Capacitance
COE
VIN = 0V, f = 1.0MHz 50
pF
F/S WE 1-2 Capacitance
CWE
VIN = 0V, f = 1.0MHz 20
pF
F/S CS 1-2 Capacitance
CCS
VIN = 0V, f = 1.0MHz 20
pF
SD0-15/FD0-15 Capacitance
CI/O
VIN = 0V, f = 1.0MHz 20
pF
A0 - A16 Capacitance
CAD
VIN = 0V, f = 1.0MHz 50
pF
This parameter is guaranteed by design but not tested.


Similar Part No. - WSF128K16-37G1UCA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF128K16-37G1UCA WEDC-WSF128K16-37G1UCA Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
More results

Similar Description - WSF128K16-37G1UCA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
logo
Austin Semiconductor
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
logo
List of Unclassifed Man...
WSF128K32 ETC1-WSF128K32 Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WS512K32-15G1 ETC-WS512K32-15G1 Datasheet
614Kb / 11P
   512K X 32 SRAM MODULE SMD 5962-94611
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com