Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBOX620-841-FL Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EBOX620-841-FL
Description  Fanless Embedded System with Intel Atom Processor E3845 1.91 GHz HDMI
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EBOX620-841-FL Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EBOX620-841-FL_17 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
289
* All specifications and photos are subject to change without notice.
Standard Color
Silver-Black
Construction
Aluminum extrusion and heavy-duty steel, IP40
CPU
Intel® Atom™ processor E3845 1.91 GHz quad-core
System Memory
1 x 204-pin DDR3L-1066/1333 SO-DIMM, up to 8GB
Chipset
SoC integrated
BIOS
AMI
System I/O Outlet
2 x RS-232/422/485 (COM1/2)
2 x RS-232 (COM3/4)
1 x VGA
1 x HDMI
1 x Audio (Mic-in/Line-out)
2 x 10/100/1000 Mbps Ethernet (Intel® i210IT)
4 x USB 2.0
3 x SMA type connector opening for antenna
1 x VDC 12V power input connector
1 x ATX power switch
8 channel programmable DI/DO
Watchdog Timer
255 levels, 1~255 sec.
Storage
1 x 2.5” SATA HDD drive bay
1 x CFast™
1 x mSATA
Expansion Interface
1 x full-size PCI Express Mini Card slot (USB + PCI Express signal)
1 x half-size PCI Express Mini Card slot (USB + PCI Express signal)
1 x SIM slot
System Indicator
1 x green LED for system power-on
1 x orange LED for HDD active
Power Supply
Input AC 90-264V, AC 60W adapter with lock
Output: DC 12V @ 5A
Operating Temperature
-40°C ~ +60°C (-40°F ~ +140°F)
Humidity
10%~90% , non-condensing
Vibration Endurance
3 Grms with CFast™ (5-500Hz, X, Y, Z directions)
Dimensions
200 mm (7.87”) (W) x 12 mm (4.72”) (D) x 56 mm (2.2”) (H)
Weight (net/gross)
2 kg (4.41 lb)/ 2.7 kg (5.95 lb)
Certificate
CE
EOS Support
WE8S, WES7
Dimensions
Packing List
Ordering Information
Power Protection
1 x Quick manual
1 x Driver cd
1 x Screw pack
2 x CFast™ Mylar
1 x HDD Mylar
4 x Foot pad
Standard
eBOX620-841-FL-US
Fanless embedded system with Intel® Atom™ E3845 1.91 GHz,
VGA, HDMI, 2 GbE LANs, 4 USB, 4 COM, 60W
AC/DC adapter and US power cord
eBOX620-841-FL-EU
Fanless embedded system with Intel® Atom™ E3845 1.91 GHz,
VGA, HDMI, 2 GbE LANs, 4 USB, 4 COM, 60W
AC/DC adapter and EU power cord
Optional
2.5” SATA HDD
2.5” SATA SSD
DDR3L SO-DIMM
CFast™
wall mount
VESA arm kit
DIN-rail kit
Wi-Fi module
Power cord
40GB or above
4GB or above
1GB ~ 8GB
512MB or above
88606200010E
88606200020E
88606200030E
*Specifications and certifications are based on options and may vary.
AC Version
OVP (over voltage protection)
OCP (over current protection)
SCP (short circuit protection)
Specifications
Front view
Internal PCI Express
Mini Card with mSATA
Intel® Atom™
E3845 quad core
SoC
8 channels
programmable DI/DO
Rear view
Front access
CFast™ slot
HDMI & VGA for dual display
Lockable DC-in
eBOX620-841-FL
Fanless Embedded System with Intel® Atom™ Processor E3845 1.91 GHz, HDMI,
VGA, 2 GbE LANs, 4 USB and 4 COM
Intel® Atom™ E3845 1.91 GHz quad-core SoC
204-pin DDR3L-1066/1333 SO-DIMM, up to 8GB
Fanless operation design with full feature I/O
2 RS-232/422/485 and 2 RS-232 ports
One 2.5” SATA drive bay, 1 CFast™ slot and mSATA
Supports 8 channel programmable DI/DO and 2 PCI Express
Mini Card slots
Supports VGA and HDMI dual display
Features
EN60950
DDR3L
DDR3L
DDR3L
AiRD
Fanless
Low Power
IP40
DualView
Ext. Temp


Similar Part No. - EBOX620-841-FL_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX620-841-FL AXIOMTEK-EBOX620-841-FL_16 Datasheet
304Kb / 1P
   Fanless operation design with full feature I/O
More results

Similar Description - EBOX620-841-FL_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
TBOX323-835-FL AXIOMTEK-TBOX323-835-FL Datasheet
430Kb / 2P
   Fanless Embedded System with Intel Atom Processor E3845 (1.91 GHz) for Railway PC
TBOX100-838-FL AXIOMTEK-TBOX100-838-FL Datasheet
574Kb / 2P
   Fanless Embedded System with Intel Atom Processor E3845 for Vehicle
TBOX323-835-FL AXIOMTEK-TBOX323-835-FL_17 Datasheet
622Kb / 2P
   Fanless Embedded System with Intel Atom Processor
EBOX625-841-FL AXIOMTEK-EBOX625-841-FL_17 Datasheet
315Kb / 1P
   Fanless Embedded System with Intel Atom Processor E3826 1.46 GHz
EBOX625-842-FL AXIOMTEK-EBOX625-842-FL_17 Datasheet
315Kb / 1P
   Fanless Embedded System with Intel Atom Processor E3826 1.46 GHz
EBOX530-840-FL AXIOMTEK-EBOX530-840-FL_17 Datasheet
277Kb / 1P
   Fanless Embedded System with Intel Atom Processor E3825 1.33 GHz, VGA
logo
AAEON Technology
BOXER-6313U AAEON-BOXER-6313U Datasheet
412Kb / 2P
   In-Vehicle Box PC with Intel® Atom™ E3845, 1.91 GHz Processor
logo
Adlink Technology Inc.
MXE-1400V ADLINK-MXE-1400V Datasheet
216Kb / 2P
   Intel Atom Processor E3845 SoC Fanless Embedded Computer for In-Vehicle
logo
Axiomtek Co., Ltd.
EBOX623-831-FL AXIOMTEK-EBOX623-831-FL_17 Datasheet
364Kb / 1P
   Fanless Embedded System with Intel Atom Processor N2600 1.6 GHz or D2550
logo
AAEON Technology
AEC-6831 AAEON-AEC-6831 Datasheet
360Kb / 2P
   Fanless Embedded Controller With Intel Atom Processor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com