Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBOX626-853-FL Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EBOX626-853-FL
Description  Fanless Embedded System with Intel Celeron N3160 2.24 GHz, VGA/HDMI
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EBOX626-853-FL Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EBOX626-853-FL_17 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
294
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
8
9
10
11
1
0
Ordering Information
Power Protection
Standard
eBOX626-853-FL-N3160-
DC
Fanless embedded system with Intel® Celeron® N3160,
VGA/HDMI, 4 COM, 2 GbE LANs, 4 USB, 2 PCIe Mini Card
and 9-36 VDC wide range input
Optional
2.5” SATA HDD
2.5” SATA SSD
DDR3L SO-DIMM
mSATA
Wall mount Kit
VESA mount kit
DIN-rail kit
WLAN module
WWAN module
80GB or above
40GB or above
1GB ~ 8GB
512MB or above
88606200010E
88606200020E
88606200030E
*Specifications and certifications are based on requirements and may vary.
DC Version
OVP (over voltage protection)
UVP (under voltage protection)
OCP (over current protection)
Reverse protection
Specifications
Dimensions
Standard Color
Silver-Black
Construction
Aluminum extrusion and heavy-duty steel, IP40
CPU
Intel® Celeron® processor N3160 2.24 GHz quad-core
(2M up to 2.24 GHz)
System Memory
1 x 204-pin DDR3L-1333/1600 SO-DIMM, up to 8GB
Chipset
SoC integrated
BIOS
AMI
System I/O Outlet
2 x 10/100/1000 Mbps Ethernet (Intel® i211AT)
1 x RS-232/422/485 (COM 1)
3 x RS-232 (COM2/3/4, option default: COM 4)
3 x USB 3.0
1 x USB 2.0
1 x Audio (Mic-in/Line-out)
1 x HDMI (4K supported)
1 x VGA
1 x VDC power input connector
1 x ATX power switch
1 x Remote power switch
1 x Reset button
1 x AT/ATX quick switch
3 x Antenna opening
Optional 8-CH programmable DIO
Watchdog Timer
255 levels, 1 ~ 255 sec.
Storage
1 x 2.5” SATA HDD bay, max. height 15 mm
1 x mSATA (option)
Expansion Interface
1 x full-size PCI Express Mini Card slot
(PCI Express + USB signal)
1 x full-size PCI Express Mini Card slot
(PCI Express + SATA signal)
1 x SIM Card slot
System Indicator
1 x green LED for system power
1 x yellow LED for HDD active
Power Supply
42.5 W, 9~36 VDC
Operating Temperature
-20°C ~ +60°C (-4°F ~ +140°F) Standard
-20°C ~ +55°C (-4°F ~ +131°F) Boost mode
(with W.T. SSD/DRAM, N3160)
Humidity
10% ~ 95%, non-condensing
Vibration Endurance
3 Grms with SSD (5-500Hz, X, Y, Z directions)
Dimensions
200 mm (7.87”) (W) x 120 mm (4.72”) (D) x 46 mm (1.81”) (H)
Weight (net/gross)
1.2 kg (2.65 lb)/1.9 kg (4.19 lb)
Certification
CE Class B
EOS support
WES7, WE8S, Linux
Rear view
3 x USB 3.0
1 x USB 2.0
4 x COM for default
8-CH DI/DO is optional
Dual independent displays
9-36 VDC power input
Front view
Ultra slim enclosure w/IP40-rated
Two PCI Express Mini Cards
w/SIM for WLAN & WWAN
Intel® Celeron® N3160
Quad-core SoC onboard
AT/ATX quick switch
eBOX626-853-FL
Fanless Embedded System with Intel® Celeron® N3160 2.24 GHz, VGA/HDMI,
4 COM, 2 GbE LANs, 4 USB, 2 PCIe Mini Cards and 9-36 VDC
Intel® Celeron® N3160 2.24 GHz quad-core SoC (Braswell)
HDMI and VGA with dual independent displays
Supports 4 COM and 4 USB ports
2 GbE LANs support WoL, Teaming and PXE
2 PCI Express Mini Card for WLAN/WWAN/mSATA modules
9 ~ 36 VDC wide range power input
-20°C to 60°C wide operating temperature range
Features
IP40
Fanless
Low Power
DualView
AiRD
9 ~36VDC
DDR3L
DDR3L
DDR3L


Similar Part No. - EBOX626-853-FL_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX626-853-FL AXIOMTEK-EBOX626-853-FL Datasheet
271Kb / 1P
   N3150 1.6 GHz, VGA/HDMI, 4 COM, 2 GbE, 4 USB, 2 Mini PCIe and 9 - 36VDC Wide Range Input
More results

Similar Description - EBOX626-853-FL_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX625-853-FL AXIOMTEK-EBOX625-853-FL_17 Datasheet
269Kb / 1P
   Fanless Embedded System with Intel Celeron N3160 2.24 GHz, VGA/HDMI
MANO300 AXIOMTEK-MANO300 Datasheet
325Kb / 1P
   Intel Celeron Processor N3160 - up to 2.24 GHz
logo
Adlink Technology Inc.
MXE-1500 ADLINK-MXE-1500 Datasheet
505Kb / 2P
   Intel Celeron N3160/ N3060 SoC Fanless Embedded Computer
logo
Axiomtek Co., Ltd.
EBOX638-840-FL AXIOMTEK-EBOX638-840-FL_17 Datasheet
330Kb / 1P
   Fanless Embedded System with Intel Celeron Processor J1900 2.0 GHz
EBOX100-312-FL AXIOMTEK-EBOX100-312-FL Datasheet
310Kb / 1P
   Fanless Embedded System with Intel Celeron Processor N3350 2.4 GHz
MANO300 AXIOMTEK-MANO300_17 Datasheet
252Kb / 1P
   Mini-ITX SBC with Intel Celeron Processor N3160 (up to 2.24 GHz) SoC
EBOX530-840-FL AXIOMTEK-EBOX530-840-FL_17 Datasheet
277Kb / 1P
   Fanless Embedded System with Intel Atom Processor E3825 1.33 GHz, VGA
EBOX560-300-FL AXIOMTEK-EBOX560-300-FL_17 Datasheet
269Kb / 1P
   Fanless Embedded System with Intel Pentium N3710 1.6 GHz, 2 HDMI
EBOX620-841-FL AXIOMTEK-EBOX620-841-FL_17 Datasheet
304Kb / 1P
   Fanless Embedded System with Intel Atom Processor E3845 1.91 GHz HDMI
ICO310 AXIOMTEK-ICO310 Datasheet
336Kb / 2P
   Robust Din-rail Fanless Embedded System with Intel Celeron
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com