Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB140W-S Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # CB140W-S
Description  1A Trench Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CB140W-S Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  CB140W-S Datasheet HTML 1Page - Chip Integration Technology Corporation CB140W-S Datasheet HTML 2Page - Chip Integration Technology Corporation CB140W-S Datasheet HTML 3Page - Chip Integration Technology Corporation CB140W-S Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
■ Rating and characteristic curves
Document ID : DS-12K7X
Revised Date : 2016/08/12
Revision : C2
0.01
0.1
1
10
0
100
200
300
400
500
600
Instantaneous Forward Voltage, VF (mV)
Fig. 1 - Forward Characteristics
TA = 100oC
TA = 50oC
TA = 25oC
TA = 125oC
TA = 75oC
0.001
0.01
0.1
1
10
100
0
10
20
30
40
50
Reverse Voltage, VR (V)
Fig. 2 - Reverse Characteristics
TA = 25oC
TA = 100oC
TA = 50oC
TA = 75oC
TA = 125oC
0
0.05
0.1
0.15
0.2
0.25
0.3
0
0.2
0.4
0.6
0.8
1
1.2
Average Forward Current, IF (A)
Fig. 3 - Forward Power Dissipation
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
175
Case Temperature, TC (oC)
Fig. 4 - Forward Current Derating Curve
1
10
100
1000
0.01
0.1
1
10
100
Reverse Voltage, VR (V)
Fig. 5 - Junction Capacitance
CB140WG-S
1A Trench Schottky Rectifier
Chip Integration Technology Corporation


Similar Part No. - CB140W-S

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CB140WG-S CITC-CB140WG-S Datasheet
504Kb / 4P
   1A Trench Schottky Rectifier
More results

Similar Description - CB140W-S

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CB140WG-S CITC-CB140WG-S Datasheet
504Kb / 4P
   1A Trench Schottky Rectifier
logo
Digitron Semiconductors
MBR150 DIGITRON-MBR150 Datasheet
203Kb / 3P
   1A SCHOTTKY RECTIFIER
MUR170E DIGITRON-MUR170E Datasheet
177Kb / 3P
   1A SCHOTTKY RECTIFIER
MUR105 DIGITRON-MUR105 Datasheet
205Kb / 3P
   1A SCHOTTKY RECTIFIER
logo
Diodes Incorporated
SDM1100LP DIODES-SDM1100LP Datasheet
438Kb / 5P
   1A SCHOTTKY BARRIER RECTIFIER
SDM1U100S1F DIODES-SDM1U100S1F Datasheet
390Kb / 5P
   1A SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
   Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSF20H100C TSC-TSF20H100C_14 Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
   Trench Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com