Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD-020N002D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LCD-020N002D
Description  20 x 2 Character LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-020N002D Datasheet(HTML) 2 Page - Vishay Siliconix

  LCD-020N002D Datasheet HTML 1Page - Vishay Siliconix LCD-020N002D Datasheet HTML 2Page - Vishay Siliconix LCD-020N002D Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LCD-020N002D
www.vishay.com
Vishay
Revision: 09-Oct-12
2
Document Number: 37309
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DISPLAY CHARACTER ADDRESS CODE
Display Position
123456789
10
11
12
13
14
15
16
17
18
19
20
DD RAM Address
00010203040506070809
0A
0B
0C
0D
0E
0F
10
11
12
13
DD RAM Address
40414243444546474849
4A
4B
4C
4D
4E
4F
50
51
52
53
INTERFACE PIN FUNCTION
PIN NO.
SYMBOL
FUNCTION
1
NC
No connection
2
NC
No connection
3
VSS
Ground
4
VDD
+ 3 V or + 5 V
5
V0
Contrast adjustment
6
RS
H/L register select signal
7
R/W
Date read/write
8E
H
 L enable signal
9
DB0
Data bit 0
10
DB1
Data bit 1
11
DB2
Data bit 2
12
DB3
Data bit 3
13
DB4
Data bit 4
14
DB5
Data bit 5
15
DB6
Data bit 6
16
DB7
Data bit 7
17
VLED +
Power supply for LED +
18
VLED -
Power supply for LED -
19
VEE
Negative voltage output
20
NC
No connection
DIMENSIONS in millimeters
3.45
2.95
0.60
0.55
Dot Size
19.0
(P1.0 x 19)
11.5
20
1
6.8 Max.
Z-CON
86.0
89.0
1.5
4 x FULL R1.25
80.0
68.5
4.5
7.0
10.25
75.0 (VA)


Similar Part No. - LCD-020N002D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-020N002D VISHAY-LCD-020N002D Datasheet
70Kb / 3P
   20 x 2 Character LCD
01-Jan-2022
LCD-020N002D VISHAY-LCD-020N002D Datasheet
71Kb / 3P
   20 x 2 Character LCD
01-Jan-2023
LCD-020N002D VISHAY-LCD-020N002D_V01 Datasheet
70Kb / 3P
   20 x 2 Character LCD
01-Jan-2022
LCD-020N002D VISHAY-LCD-020N002D_V02 Datasheet
71Kb / 3P
   20 x 2 Character LCD
01-Jan-2023
More results

Similar Description - LCD-020N002D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-020N002A VISHAY-LCD-020N002A_V02 Datasheet
74Kb / 3P
   20 x 2 Character LCD
01-Jan-2023
LCD-020M002M VISHAY-LCD-020M002M Datasheet
114Kb / 3P
   20 x 2 Character LCD
Revision 01-Oct-02
LCD-020N002A VISHAY-LCD-020N002A Datasheet
76Kb / 3P
   20 x 2 Character LCD
Revision: 09-Oct-12
LCD-020N002L VISHAY-LCD-020N002L_V01 Datasheet
74Kb / 3P
   20 x 2 Character LCD
01-Jan-2022
LCD-020M002A VISHAY-LCD-020M002A Datasheet
114Kb / 3P
   20 x 2 Character LCD
Revision 01-Oct-02
LCD-020N002M VISHAY-LCD-020N002M_V02 Datasheet
73Kb / 3P
   20 x 2 Character LCD
01-Jan-2023
LCD-020N002M VISHAY-LCD-020N002M Datasheet
75Kb / 3P
   20 x 2 Character LCD
Revision: 09-Oct-12
LCD-020M002L VISHAY-LCD-020M002L_08 Datasheet
112Kb / 3P
   20 x 2 Character LCD
Revision 01-Oct-02
LCD-020N002D VISHAY-LCD-020N002D_V02 Datasheet
71Kb / 3P
   20 x 2 Character LCD
01-Jan-2023
LCD-020N002D VISHAY-LCD-020N002D_V01 Datasheet
70Kb / 3P
   20 x 2 Character LCD
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com