Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T520D337M004ATE015 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T520D337M004ATE015
Description  Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 4 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 15 mOhms, Height Max = 3.1mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520D337M004ATE015 Datasheet(HTML) 1 Page - Kemet Corporation

  T520D337M004ATE015 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/20/2017 - 8171b89f-4be7-4dae-8cf2-bc80f0065131
KEMET Part Number: T520D337M004ATE015
Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 4 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 15 mOhms,
Height Max = 3.1mm
Dimensions
Footprint
7343
L
7.3mm +/-0.3mm
W
4.3mm +/-0.3mm
H
2.8mm +/-0.3mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.4mm +/-0.1mm
A
3.6mm MIN
B
0.5mm +/-0.15mm
P
0.9mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 434.83 mg
Packaging: T&R, 178mm
Packaging Quantity: 500
General Information
Dielectric: Polymer Tantalum
Style: SMD Chip
Series: T520
Description: SMD, Polymer, Molded, Low
ESR, Non-Combustible
Features: Low ESR
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 330 uF
Capacitance Tolerance: 20%
Voltage DC: 4 VDC (105C)
Temperature Range: -55/+105C
Dissipation Factor: 10% 120Hz 25C
Failure Rate: N/A
Resistance: 15 mOhms (100kHz 25C)
Current:
3900 mAmps (100kHz 45C),
2730 mAmps (85C), 975 mAmps
(105C)
Leakage Current: 132 uA (5min 25C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T520D337M004ATE015

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520D337M004ATE007 KEMET-T520D337M004ATE007 Datasheet
76Kb / 1P
   T520, Tantalum, Polymer Tantalum, 330 uF, 20%, 4 VDC, SMD, Polymer, Molded, Low ESR, Non-Combustible, 7 mOhms, 7343, Height Max = 3.1mm
T520D337M004ATE009 KEMET-T520D337M004ATE009 Datasheet
80Kb / 1P
   T520, Tantalum, Polymer Tantalum, 330 uF, 20%, 4 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 9 mOhms, 7343, Height Max = 3.1mm
More results

Similar Description - T520D337M004ATE015

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520D337M004ATE009 KEMET-T520D337M004ATE009 Datasheet
80Kb / 1P
   T520, Tantalum, Polymer Tantalum, 330 uF, 20%, 4 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 9 mOhms, 7343, Height Max = 3.1mm
T520D337M006ATE015 KEMET-T520D337M006ATE015 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 15 mOhms, 3.1mm
T520D337M006ATE009 KEMET-T520D337M006ATE009 Datasheet
77Kb / 1P
   T520, Tantalum, Polymer Tantalum, 330 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 9 mOhms, Height Max = 3.1mm
T520D337M006ATE010 KEMET-T520D337M006ATE010 Datasheet
77Kb / 1P
   T520, Tantalum, Polymer Tantalum, 330 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 10 mOhms, Height Max = 3.1mm
T520D337M006ATE045 KEMET-T520D337M006ATE045 Datasheet
77Kb / 1P
   T520, Tantalum, Polymer Tantalum, 330 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 45 mOhms, Height Max = 3.1mm
T520D337M006ATE018 KEMET-T520D337M006ATE018 Datasheet
80Kb / 1P
   T520, Tantalum, Polymer Tantalum, 330 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 18 mOhms, 7343, Height Max = 3.1mm
T520D337M004ATE007 KEMET-T520D337M004ATE007 Datasheet
76Kb / 1P
   T520, Tantalum, Polymer Tantalum, 330 uF, 20%, 4 VDC, SMD, Polymer, Molded, Low ESR, Non-Combustible, 7 mOhms, 7343, Height Max = 3.1mm
T520D337M006ATE040 KEMET-T520D337M006ATE040_17 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 40 mOhms, 3.1mm
T520D156M025ATE080 KEMET-T520D156M025ATE080 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 15 uF, 20%, 25 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, Height Max = 3.1mm
T520Y337M010ATE015 KEMET-T520Y337M010ATE015 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 15 mOhms, Height Max = 4mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com