Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHA4011C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AHA4011C
Description  10 MBytes/sec Reed-Solomon Error Correction Device
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AHA4011C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AHA4011C Datasheet HTML 1Page - List of Unclassifed Manufacturers AHA4011C Datasheet HTML 2Page - List of Unclassifed Manufacturers AHA4011C Datasheet HTML 3Page - List of Unclassifed Manufacturers AHA4011C Datasheet HTML 4Page - List of Unclassifed Manufacturers AHA4011C Datasheet HTML 5Page - List of Unclassifed Manufacturers AHA4011C Datasheet HTML 6Page - List of Unclassifed Manufacturers AHA4011C Datasheet HTML 7Page - List of Unclassifed Manufacturers AHA4011C Datasheet HTML 8Page - List of Unclassifed Manufacturers AHA4011C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
PS4011C-0200
Page 1 of 24
Advanced Hardware Architectures, Inc.
1.0
INTRODUCTION
The AHA4011C is a single chip integrated
circuit that implements a high speed Reed-Solomon
Forward Error Correction algorithm. The
AHA4011C is a member of the AHA PerFEC
family of high speed forward error correction (FEC)
devices conforming to the Intelsat IESS-308
specification.
The device supports several programmable
parameters, including, block size, error threshold,
number of check bytes, order of output and mode of
operations. Shortened blocks are supported without
requirement of zero padding typically required in
Reed Solomon decoders. The data input port is used
to initialize the programmable parameters and the
two on-chip buffers are used to input and output
data. Discontinuities in data flow may be controlled
by dedicated control pins.
High operating frequency, input and output data
rate flexibility, low processing latency and various
programmable parameters make this device ideal
for many applications including: DTV, DBS,
ADSL, Satellite Communications, ISDN, High
Performance Modems and networks.
This specification provides full electrical and
mechanical information to help a system engineer
develop a system using AHA4011C. This
document contains descriptions on correction
terms, pinout, functions and features, DC and AC
characteristics, package and mechanical
specifications, ordering information and Related
Technical Publications. Software simulation of the
RS code as implemented in the device is also
available. Please contact AHA or its authorized
sales representatives worldwide for copies of
Related Technical Publications and software
simulation.
1.1
FEATURES
HIGH PERFORMANCE
• Polynomial complies to Intelsat IESS-308;
RTCA DO-217 Appendix F, Revision D and
proposed ITU-TS SG-18 (Formerly CCITT SG-
18) standards
• 40 MBytes/sec burst transfer rate with a 40 MHz
clock for all block lengths
• Maximum channel rate of 10 MBytes/sec
continuous for block lengths from 54 bytes through
255 bytes using a 40 MHz clock
• Processing latency time less than 15.2
µsec in
continuous operation for block lengths of 100
bytes
FLEXIBILITY
• Programmable to correct from 1 to 10 error bytes
or 20 erasure bytes per block
• Block lengths programmable from 3 to 255 bytes
• Encode, decode or pass-through capability in-
line with data flow
• Outputs corrected data or correction vectors in
forward or reverse order
• Continuous or burst data transfer
• Programmable error threshold to help determine
channel performance
SYSTEM INTERFACE
• Byte wide synchronous I/O ports with internal
buffering on both ports
• Dedicated control pins permit discontinuities in
system data flow
OTHERS
• 44 pin PLCC; 50 mil lead pitch
• Pin and plug compatible with lower performance
AHA4012B
• Software emulation of the algorithm available
1.2
CONVENTIONS, NOTATIONS AND
DEFINITIONS
– Certain signals are logically true at a voltage
defined as “low” in the data sheet. All such signals
have an “N” appended to the end of the signal
name. For example, RSTN and DSON.
– “Signal assertion” means the output signal is
logically true.
– Hex values are defined with a prefix of “0x”, such
as “0x10”.
– A range of signal names is denoted by a set of
colons between the numbers. Most significant bit
is always shown first, followed by least significant
bit. For example, DI[7:0] represents Data Input
Bus 7 through 0.
– A product of two variables is expressed with an
“×”, for example, N × Ci represents Codeword
Length multiplied by Input clocks/byte.
– Mega Bytes per second is referred to as
MBytes/sec or MB/sec.
– Channel Rate is defined as transfer rate including
user data and error correction check bytes.


Similar Part No. - AHA4011C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AHA4012B ETC-AHA4012B Datasheet
457Kb / 28P
   1.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4012B-006 ETC-AHA4012B-006 Datasheet
457Kb / 28P
   1.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4012B-006PJC ETC-AHA4012B-006PJC Datasheet
457Kb / 28P
   1.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4012B-006PJI ETC-AHA4012B-006PJI Datasheet
457Kb / 28P
   1.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4013B ETC-AHA4013B Datasheet
232Kb / 28P
   12.5 MBytes/sec Reed-Solomon Error Correction Device
More results

Similar Description - AHA4011C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AHA4012B-006 ETC-AHA4012B-006 Datasheet
457Kb / 28P
   1.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4013B ETC-AHA4013B Datasheet
232Kb / 28P
   12.5 MBytes/sec Reed-Solomon Error Correction Device
COIC5130A ETC1-COIC5130A Datasheet
291Kb / 20P
   Programmable Reed-Solomon Error Correction Encoder and Decoder
logo
Actel Corporation
MC-ACT-RSENC-NET ACTEL-MC-ACT-RSENC-NET Datasheet
121Kb / 5P
   Reed-Solomon Encoder
logo
List of Unclassifed Man...
AHA3422 ETC1-AHA3422 Datasheet
191Kb / 4P
   16 MBYTES/SEC LOSSLESS DECOMPRESSOR IC
logo
Applied Micro Circuits ...
CS5920 AMCC-CS5920 Datasheet
2Mb / 160P
   Full 132 Mbytes/sec Transfer Rate
logo
NXP Semiconductors
SAA7207H PHILIPS-SAA7207H Datasheet
98Kb / 20P
   Reed Solomon decoder IC
1996 Jul 17
logo
List of Unclassifed Man...
AHA3580 ETC1-AHA3580 Datasheet
101Kb / 4P
   80 MBYTES/SEC ALDC DATA COMPRESSION COPROCESSOR IC
AHA3411 ETC1-AHA3411 Datasheet
197Kb / 4P
   33 MBYTES/SEC SIMULTANEOUS COMPRESSOR/DECOMPRESSOR IC
AHA3520 ETC1-AHA3520 Datasheet
160Kb / 4P
   20 MBYTES/SEC ALDC DATA COMPRESSION COPROCESSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com