Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHA4011C-040PJC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AHA4011C-040PJC
Description  10 MBytes/sec Reed-Solomon Error Correction Device
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AHA4011C-040PJC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AHA4011C-040PJC Datasheet HTML 2Page - List of Unclassifed Manufacturers AHA4011C-040PJC Datasheet HTML 3Page - List of Unclassifed Manufacturers AHA4011C-040PJC Datasheet HTML 4Page - List of Unclassifed Manufacturers AHA4011C-040PJC Datasheet HTML 5Page - List of Unclassifed Manufacturers AHA4011C-040PJC Datasheet HTML 6Page - List of Unclassifed Manufacturers AHA4011C-040PJC Datasheet HTML 7Page - List of Unclassifed Manufacturers AHA4011C-040PJC Datasheet HTML 8Page - List of Unclassifed Manufacturers AHA4011C-040PJC Datasheet HTML 9Page - List of Unclassifed Manufacturers AHA4011C-040PJC Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Page 2 of 24
PS4011C-0200
Advanced Hardware Architectures, Inc.
1.2.1
DEFINITION OF CORRECTION TERMS
*
For every 2 check bytes, the AHA4011C can correct either 2 erasures or 1 error.
** An erasure is detected by a parity detector or a signal dropout detector. The presence of an erasure is indicated
by asserting the ERASE signal when the erased byte is clocked into the AHA4011C.
2.0
FUNCTIONAL DESCRIPTION
This section describes an architectural
overview of the chip and its many functions,
features and operations. The block diagram for the
chip shows the Reed-Solomon ECC module, the
Input and Output Buffers, and their associated
control. All input and output data are clocked on the
rising edge of CLK.
2.1
FUNCTIONAL OVERVIEW
The AHA4011C Reed-Solomon codec
(coder/decoder) is a member of the AHA PerFEC™
family of high speed forward error correction (FEC)
devices. This single chip, three-layer metal, CMOS
device can operate in encode, decode or pass-
through modes.
The ECC core implements a full error
correcting Reed-Solomon decoder. This code is
capable of correcting up to 10 (t
=10) byte-errors or
20 (t
=10) erasures in a RS block.
The ECC core has three phases of operation:
Data In, Calculation and Data Out. Data to be
processed is first input into a single ported Input
Buffer using a control signal DSIN. ECC core
arbitrates for the input data out of the Input Buffer.
ECC core has access to the Input Buffer on clock
edges where DSIN is not asserted.
Each block is processed within the ECC core
and calculations are made. The entire block is
processed through the ECC core, and transferred
into the Output Buffer. The device asserts RDYON
signal and holds active until the Output Buffer is
completely emptied.
The ECC core loads the Output Buffer in
reverse order for either operation. Data may be
strobed out of the device in forward or reverse order.
If forward order is desired, output data cannot be
strobed out of the device until the entire block has
been loaded into the Output Buffer.
TERM
NAME
(other references)
DEFINITION
RANGE
(number of bytes)
K
Message Length (user
data or message bytes)
Number of user data symbols in one message
block. Size of a symbol in AHA4011C is 8-bits.
Message length is K
= N − R. The first message
byte is referred to as XK−1; the last message byte is
X0.
1 through 253
(1, 2, 3, 4 . . . 253)
R
Check Symbols
(parity or redundancy)
Symbols appended to the user data to detect and
correct errors. The number of check symbols
required in a system is R
≥ E + 2e.* The first check
symbol is referred to as YR−1; the last check
symbol is Y0.
2 through 20 in
increments of 1
(2, 3, 4 . . . 20)
N
Codeword Length
(block length)
Sum of message and check symbols. N
= K + R. 3 through 255
(3, 4, 5, 6 . . . 255)
t
Error Corrections
Maximum number of error corrections performed
by the device. The value is t = Integer
.
1 through 10
(1, 2, 3 . . . 10)
P
Error Threshold
The threshold limit to determine uncorrectability
of a Codeword and the number of check bytes
allocated for correction-only purposes (not for
detection).
2 through 20
(2, 3, 4 . . . 20)
e
Number of Errors
An error is defined as an erroneous byte whose
correct value and position within the message
block are both unknown.
0 through N
E
Number of Erasures
An erasure is defined as an error whose position is
known within the message block.**
0 through N
G
Burden of Correction
A measure of the burden of correction being
placed on the capabilities of the device for that
message block. The value G
= 2e + E.
0 through R
NK
2
--------------


Similar Part No. - AHA4011C-040PJC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AHA4012B ETC-AHA4012B Datasheet
457Kb / 28P
   1.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4012B-006 ETC-AHA4012B-006 Datasheet
457Kb / 28P
   1.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4012B-006PJC ETC-AHA4012B-006PJC Datasheet
457Kb / 28P
   1.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4012B-006PJI ETC-AHA4012B-006PJI Datasheet
457Kb / 28P
   1.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4013B ETC-AHA4013B Datasheet
232Kb / 28P
   12.5 MBytes/sec Reed-Solomon Error Correction Device
More results

Similar Description - AHA4011C-040PJC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AHA4012B-006 ETC-AHA4012B-006 Datasheet
457Kb / 28P
   1.5 MBytes/sec Reed-Solomon Error Correction Device
AHA4013B ETC-AHA4013B Datasheet
232Kb / 28P
   12.5 MBytes/sec Reed-Solomon Error Correction Device
COIC5130A ETC1-COIC5130A Datasheet
291Kb / 20P
   Programmable Reed-Solomon Error Correction Encoder and Decoder
logo
Actel Corporation
MC-ACT-RSENC-NET ACTEL-MC-ACT-RSENC-NET Datasheet
121Kb / 5P
   Reed-Solomon Encoder
logo
List of Unclassifed Man...
AHA3422 ETC1-AHA3422 Datasheet
191Kb / 4P
   16 MBYTES/SEC LOSSLESS DECOMPRESSOR IC
logo
Applied Micro Circuits ...
CS5920 AMCC-CS5920 Datasheet
2Mb / 160P
   Full 132 Mbytes/sec Transfer Rate
logo
NXP Semiconductors
SAA7207H PHILIPS-SAA7207H Datasheet
98Kb / 20P
   Reed Solomon decoder IC
1996 Jul 17
logo
List of Unclassifed Man...
AHA3580 ETC1-AHA3580 Datasheet
101Kb / 4P
   80 MBYTES/SEC ALDC DATA COMPRESSION COPROCESSOR IC
AHA3411 ETC1-AHA3411 Datasheet
197Kb / 4P
   33 MBYTES/SEC SIMULTANEOUS COMPRESSOR/DECOMPRESSOR IC
AHA3520 ETC1-AHA3520 Datasheet
160Kb / 4P
   20 MBYTES/SEC ALDC DATA COMPRESSION COPROCESSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com