Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4003SG Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1N4003SG
Description  1.0 AMP. Glass Passivated Silicon Recrifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1N4003SG Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1N4003SG Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N4003SG Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
A-405
Features
Glass passivated chip junction.
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss
ψ0.6mm leads
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260
o
C /10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
Weight: 0.22 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol 1N
4001SG
1N
4002SG
1N
4003SG
1N
4004SG
1N
4005SG
1N
4006SG
1N
4007SG
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375” (9.5mm) Lead Length
@TA = 50
oC
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@1.0A
VF
1.0
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
100
uA
uA
Typical Junction Capacitance ( Note 1 )
Cj
10
pF
Typical Thermal Resistance (Note 2)
RθJA
80
oC/W
Operating and Storage Temperature Range
TJ,TSTG
- 65 to + 150
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
2. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.
1N4001SG-1N4007SG
1.0 AMP. Glass Passivated Silicon Recrifiers
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - 1N4003SG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4003SG TSC-1N4003SG Datasheet
56Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1N4003SG TSC-1N4003SG Datasheet
227Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
Shanghai Shunye Electro...
1N4003SG SY-1N4003SG Datasheet
592Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N4003SG TSC-1N4003SG Datasheet
488Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1N4003SG TSC-1N4003SG Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
More results

Similar Description - 1N4003SG

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
1N4001S LUGUANG-1N4001S Datasheet
191Kb / 2P
   1.0 AMP. Silicon Recrifiers
logo
WILLAS ELECTRONIC CORP
GS1A WILLAS-GS1A Datasheet
492Kb / 2P
   1.0 AMP GLASS PASSIVATED SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1T1G TSC-1T1G Datasheet
54Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
Formosa MS
1N4001G FORMOSA-1N4001G Datasheet
32Kb / 2P
   1.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G Datasheet
59Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
DIYI Electronic Technol...
1A1G DYELEC-1A1G Datasheet
650Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1A1GU DYELEC-1A1GU Datasheet
652Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1N4001GT DYELEC-1N4001GT Datasheet
834Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1N4001G DYELEC-1N4001G Datasheet
779Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
1N4007G TSC-1N4007G Datasheet
235Kb / 2P
   1.0 AMP Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com