Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N975C Datasheet(PDF) 1 Page - Leshan Radio Company

Part # 1N975C
Description  1N9 SERIES ZENER DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N975C Datasheet(HTML) 1 Page - Leshan Radio Company

  1N975C Datasheet HTML 1Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LESHAN RADIO COMPANY, LTD.
5B–1/1
DO-35
(mm)
1N9
1N9 SERIES ZENER DIODES
1N9 SERIES
ZENER DIODES
TYPE
Nominal
Zener
Voltage
Vz@LZT
Volts
I R
µAMAX
ZZT @I ZT
Ohms
Test
Current
I ZT
mA
Max Zener Impedance
A and B Sufflx only
ZZK@IZK
Ohms
Max Reverse
Leakage Current
Package
Dimensions
VR
Volts
Z ZK@I ZK
mA
Maximun
DC Zener
Current
mA
1N957B
1N958B
1N959B
1N960B
1N961B
1N962B
1N963B
1N964B
1N965B
1N966B
1N967B
1N968B
1N969B
1N970B
1N971B
1N972B
1N973B
1N974B
1N975B
1N976B
1N977B
1N978B
1N979B
1N980B
1N981B
1N982B
1N983B
1N984B
1N985B
1N986B
1N987B
1N988B
1N989B
1N990B
1N991B
1N992B
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
160
180
200
18.5
16.5
15
14
12.5
11.5
10.5
9.5
8.5
7.8
7.0
6.2
5.6
5.2
4.6
4.2
3.8
3.4
3.2
3.0
2.7
2.5
2.2
2.0
1.8
1.7
1.5
1.4
1.3
1.1
1.0
0.95
0.85
0.8
0.68
0.65
4.5
5.5
6.5
7.5
8.5
9.5
11.5
13
16
17
21
25
29
33
41
49
58
70
80
93
105
125
150
185
230
270
330
400
500
750
900
1100
1500
1700
2200
2500
700
700
700
700
700
750
750
750
750
750
1000
1000
1000
1000
1500
1500
1500
2000
2000
2000
2000
3000
3000
3000
4000
4500
5000
6000
6500
7100
8000
1
0.5
0.5
0.5
0.25
0.25
0.25
0.25
0.25
0.25
0.25
47
42
38
35
32
28
26
24
21
19
17
15
14
13
11
10
9.2
8.5
7.8
7.0
6.4
5.9
5.4
4.9
4.5
4.1
3.7
3.3
3.0
2.7
2.5
2.3
2.0
1.9
1.7
1.5
150
75
50
25
10
5
5
5
5
5
5
5.2
5.7
6.2
6.9
7.6
8.4
9.1
9.9
11.4
12.6
13.7
15.2
16.7
18.2
20.6
22.8
25.1
27.4
29.7
32.7
35.8
38.8
42.6
47.1
51.7
56.0
62.2
69.2
76.0
83.6
91.2
98.8
114
121.6
136.8
152
NOTE1.TOLERANCE AND VOLTAGE DESIGNATION
1N957B
B
±5%, C
±2%
Tolerance Designation
The type numbers shown have tolerance designations as follows:
1N957B Senies: VZ ±5%, C for VZ ±2%
(T A = 25°C, V F = 1.5V, Max for all types)
T A = 25°C, V F
1.5V I F = 200mA.


Similar Part No. - 1N975C

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N975C JGD-1N975C Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
Microsemi Corporation
1N975C MICROSEMI-1N975C Datasheet
135Kb / 2P
   METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION
1N975C MICROSEMI-1N975C Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
More results

Similar Description - 1N975C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Panasonic Semiconductor
DZ2W03900L PANASONIC-DZ2W03900L Datasheet
609Kb / 2P
   NEW Zener Diodes Series 1W/2W Zener Diodes Series
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
RFE international
BZX55C2V0 RFE-BZX55C2V0 Datasheet
1Mb / 2P
   Zener Diodes BZX Series
06-06-2022
logo
Leshan Radio Company
MTZJ LRC-MTZJ Datasheet
34Kb / 2P
   MTZJ SERIES ZENER DIODES
logo
RFE international
1N5913B RFE-1N5913B Datasheet
808Kb / 5P
   Zener Diodes 1N59 Series
AUG-04-2023
1N533B RFE-1N533B Datasheet
2Mb / 5P
   Zener Diodes 1N53 Series
06-06-2022
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com