Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA3010ID Datasheet(PDF) 5 Page - Kingbright Corporation

Part # APA3010ID
Description  3.0 X 1.0 MM SMD CHIP LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APA3010ID Datasheet(HTML) 5 Page - Kingbright Corporation

  APA3010ID Datasheet HTML 1Page - Kingbright Corporation APA3010ID Datasheet HTML 2Page - Kingbright Corporation APA3010ID Datasheet HTML 3Page - Kingbright Corporation APA3010ID Datasheet HTML 4Page - Kingbright Corporation APA3010ID Datasheet HTML 5Page - Kingbright Corporation APA3010ID Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APA3010-5
Super Bright Red APA3010SRDPRV,APA3010SRCPRV
APA3010 SERIES SMT Reflow Soldering Instructions


Similar Part No. - APA3010ID

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APA3010CGCK KINGBRIGHT-APA3010CGCK Datasheet
274Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010CGCK-GX KINGBRIGHT-APA3010CGCK-GX Datasheet
243Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APA3010CGCK-GX TO-GRACE-APA3010CGCK-GX Datasheet
826Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
logo
Kingbright Corporation
APA3010EC KINGBRIGHT-APA3010EC Datasheet
276Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010EC-GX KINGBRIGHT-APA3010EC-GX Datasheet
277Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
More results

Similar Description - APA3010ID

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPPA-3010CGCK TO-GRACE-KPPA-3010CGCK Datasheet
868Kb / 4P
   3.0 mm x 1.0 mm Right Angle SMD Chip LED Lamp
APBA3010SEKCGKC-GX TO-GRACE-APBA3010SEKCGKC-GX Datasheet
931Kb / 4P
   3.0 mm x 1.0 mm Right Angle SMD Chip LED Lamp
APBA3010EYC-GX TO-GRACE-APBA3010EYC-GX Datasheet
926Kb / 4P
   3.0 mm x 1.0 mm Right Angle SMD Chip LED Lamp
APPA3010CGCK TO-GRACE-APPA3010CGCK Datasheet
809Kb / 4P
   3.0 mm x 1.0 mm Right Angle SMD Chip LED Lamp
APPA3010SECK TO-GRACE-APPA3010SECK Datasheet
797Kb / 4P
   3.0 mm x 1.0 mm Right Angle SMD Chip LED Lamp
APPA3010SYCK TO-GRACE-APPA3010SYCK Datasheet
802Kb / 4P
   3.0 mm x 1.0 mm Right Angle SMD Chip LED Lamp
KPBA-3010SEKCGKC TO-GRACE-KPBA-3010SEKCGKC Datasheet
989Kb / 4P
   3.0 mm x 1.0 mm Right Angle SMD Chip LED Lamp
KPGA-1602CGC-KA TO-GRACE-KPGA-1602CGC-KA Datasheet
870Kb / 4P
   3.0 mm x 1.0 mm Right Angle SMD Chip LED Lamp
APBA3010YSGC-GX TO-GRACE-APBA3010YSGC-GX Datasheet
917Kb / 4P
   3.0 mm x 1.0 mm Right Angle SMD Chip LED Lamp
APPA3010SURCK TO-GRACE-APPA3010SURCK Datasheet
796Kb / 4P
   3.0 mm x 1.0 mm Right Angle SMD Chip LED Lamp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com