Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGB-1SJCF11 Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # RGB-1SJCF11
Description  General Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

RGB-1SJCF11 Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  RGB-1SJCF11 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJCF11 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJCF11 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJCF11 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJCF11 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJCF11 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJCF11 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJCF11 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJCF11 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Series KP
Miniature Audio/Video Pushbuttons
D40
D
www.nkkswitches.com
ACTUATION
C
Tactile
KP01 or KP02
Gold Contacts
Straight PC Terminals
100mA @ 12V DC
G03
Black only
K
N
Nontactile
KP01 or KP02
HOUSING
CONTACTS, TERMINALS, & RATING
Tactile/Audible
KP02 only
S
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch Schematic
Pole
Model
Normal
Down
Normal
Down
Note: Switch terminals “1” & “1a” are actually
marked on the switch.
SP
KP0115A
KP0215A
OFF
(ON)
Normally
Open
1-1a
SPST
POLE & CIRCUIT
SUPER BRIGHT BICOLOR LED SPECIFICATIONS
Amber can be achieved by simultaneous illumination of Red & Green.
Purple can be achieved by simultaneous illumination of Amber & Blue.
Red
Green
Amber
Blue
Unit
Minimum Luminous Intensity
I
V
230
220
204
113
mcd
Standard Luminous Intensity
I
V
290
270
340
188
mcd
Maximum Forward Current
I
FM
30
25 for Amber
25
22 for Amber
30
25
mA
Typical Forward Current
I
F
15
5
20
20
mA
Forward Voltage
V
F
2.0
3.1
2.1
3.2
V
Power Peak Dissipation
P
D
72
88
75
100
mW
Maximum Reverse Voltage
V
RM
5
7
4
4
V
Wavelength at Peak Emission
λ
620 ~ 630
528 ~ 538
583 ~ 595
464 ~ 476
nm
Current Reduction Rate Above 25°C ∆I
F
0.40
0.36
0.40
0.33
mA/°C
Ambient Temperature Range
–25 ~ +50
–25 ~ +50
°C
Colors
LEDs are an integral
part of the switch
and are not available
separately.
LED circuit is
isolated and requires
an external power
source.
If the source voltage
exceeds the rated
voltage, a ballast
resistor is required.
The resistor value
can be calculated
by using the
formula in the
Supplement section.
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
6CF
6DG
The electrical specifications shown are determined at a basic temperature of 25°C.
(+) COM
Green or Blue
Red or Amber
(–) L1
(–) L2
1 (COM)
1a


Similar Part No. - RGB-1SJCF11

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
RGB-CONTROLLER-101 HB-RGB-CONTROLLER-101 Datasheet
401Kb / 5P
   Damage caused by misuse
RGB-CONTROLLER-303 HB-RGB-CONTROLLER-303 Datasheet
135Kb / 3P
   Input Voltage range
More results

Similar Description - RGB-1SJCF11

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com