Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC208BI-TR Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # APC208BI-TR
Description  Rail to Rail Output CMOS Single Operating Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APC208BI-TR Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button APC208BI-TR Datasheet HTML 4Page - List of Unclassifed Manufacturers APC208BI-TR Datasheet HTML 5Page - List of Unclassifed Manufacturers APC208BI-TR Datasheet HTML 6Page - List of Unclassifed Manufacturers APC208BI-TR Datasheet HTML 7Page - List of Unclassifed Manufacturers APC208BI-TR Datasheet HTML 8Page - List of Unclassifed Manufacturers APC208BI-TR Datasheet HTML 9Page - List of Unclassifed Manufacturers APC208BI-TR Datasheet HTML 10Page - List of Unclassifed Manufacturers APC208BI-TR Datasheet HTML 11Page - List of Unclassifed Manufacturers APC208BI-TR Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Nov., 2001
APC207/208
www.anpec.com.tw
11
Reliability test program
Test item
Method
Description
SOLDERABILITY
MIL-STD-883D-2003
245°C , 5 SEC
HOLT
MIL-STD-883D-1005.7
1000 Hrs Bias @ 125 °C
PCT
JESD-22-B, A102
168 Hrs, 100 % RH , 121°C
TST
MIL-STD-883D-1011.9
-65°C ~ 150°C, 200 Cycles
ESD
MIL-STD-883D-3015.7
VHBM > 2KV, VMM > 200V
Latch-Up
JESD 78
10ms , IJH > 100mA
Carrier Tape & Reel Dimensions
A
J
B
T2
T1
C
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1
(mm)
Application
A
B
C
J
T1
T2
W
P
E
178±172 ± 1.0 13.0 + 0.2 2.5 ± 0.15
8.4 ± 2
1.5± 0.3
8.0+ 0.3
- 0.3
4 ± 0.1
1.75± 0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOT-23-5
3.5 ± 0.05 1.5 +0.1
1.5 +0.1
4.0 ± 0.1 2.0 ± 0.1 3.15 ± 0.1 3.2± 0.1
1.4± 0.1 0.2±0.03


Similar Part No. - APC208BI-TR

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
APC20 ALLIED-APC20 Datasheet
820Kb / 1P
   Axial Power Chokes
APC20-100K-RC ALLIED-APC20-100K-RC Datasheet
817Kb / 1P
   Axial Power Chokes
APC20-100K-RC ALLIED-APC20-100K-RC Datasheet
822Kb / 1P
   Axial Power Chokes
APC20-100K-RC ALLIED-APC20-100K-RC Datasheet
820Kb / 1P
   Axial Power Chokes
APC20-101K-RC ALLIED-APC20-101K-RC Datasheet
817Kb / 1P
   Axial Power Chokes
More results

Similar Description - APC208BI-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APC308 ETC-APC308 Datasheet
198Kb / 15P
   Rail to Rail Output CMOS Operating Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA155 TI1-INA155 Datasheet
720Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155UG4 TI-INA155UG4 Datasheet
702Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 TI1-INA156 Datasheet
685Kb / 15P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
New Japan Radio
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
   Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
logo
Analog Devices
OP450 AD-OP450_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150 AD-OP150 Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com