Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGB-3SJCF12 Datasheet(PDF) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # RGB-3SJCF12
Description  General Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

RGB-3SJCF12 Datasheet(HTML) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button RGB-3SJCF12 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3SJCF12 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3SJCF12 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3SJCF12 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3SJCF12 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3SJCF12 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3SJCF12 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3SJCF12 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3SJCF12 Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Series KP
Miniature Audio/Video Pushbuttons
D45
D
www.nkkswitches.com
RECTANGULAR CAP ASSEMBLY
LED Holder
The electrical specifications shown are
determined at a basic temperature of 25°C.
Center LED is an integral part of the switch.
LEDs are not sold separately.
LED circuits are isolated and require an
external power source.
If the source voltage exceeds the rated
voltage, a ballast resistor is required.
The resistor value can be calculated by us-
ing the formula in the Supplement Section.
Red
Unit
Maximum Forward Current
I
FM
30
mA
Typical Forward Current
I
F
20
mA
Forward Voltage
V
F
2.0
V
Maximum Reverse Voltage
V
RM
4
V
Dominant Wavelength
λ
d
623
nm
Current Reduction Rate Above 25°C
∆I
F
0.32
mA/°C
Ambient Temperature Range
–25 ~ +50
°C
Color
LED
Switch/Rectangular Cap assembly has 3 LEDs
to achieve bright and even illumination.
One LED (in center of switch bottom) is an
integral part of the switch; the other 2 LEDs
and 2 LED Holders are packaged separately.
ASSEMBLY & INSTALLATION INSTRUCTIONS
(12.7)
.500
(3.1)
.122
Dia
(2.54)
.100
Cathode
(4.8)
.189
(5.9)
.232
(10.4)
.409
(6.7)
.264
(+)
(-)
KP0115ACBKG03CJB for Tactile
KP0115ANBKG03CJB for Nontactile
Install LED into LED Holder
(quantity 2).
Solder LEDs and LED Holders
into PCB.
Solder switch into PCB making
sure that the two outer LEDs
and LED Holders clear the bot-
tom side opening of the cap.
1
2
3
(17.4)
.685
(34.8)
1.370
PCB
LED Holder
LED
Switch
.500
(12.7)
(4.5)
.177
1
.300
(7.62)
1a
(22.86)
.900
(2.54)
.100
(2.54)
.100
.500
(12.7)
(1.3) Dia Typ
.051
(0.8) Dia Typ
.031
(0.9) Dia Typ
.035
L–
L+
Footprint
Typ
.018
(0.45) Sq
(0.6)
.024
Sq
(15.0)
.591
(12.7)
.500
1a
(4.5)
.177
1
(7.62)
.300
(0.3)
.012
L+
L–
.500
.276
(7.0)
(23.0)
.906
(6.0)
.236
.100
(2.54)
(12.7)
(3.6)
.142
See below for complete assembly of switch, LEDs and LED holders.
Contact factory for other LED colors.
LED SPECIFICATIONS
CAP ASSEMBLY DIMENSIONS
Switch/Rectangular Cap Assembly


Similar Part No. - RGB-3SJCF12

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
RGB-CONTROLLER-101 HB-RGB-CONTROLLER-101 Datasheet
401Kb / 5P
   Damage caused by misuse
RGB-CONTROLLER-303 HB-RGB-CONTROLLER-303 Datasheet
135Kb / 3P
   Input Voltage range
More results

Similar Description - RGB-3SJCF12

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com