Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGB-2FJDG12 Datasheet(PDF) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # RGB-2FJDG12
Description  General Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

RGB-2FJDG12 Datasheet(HTML) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button RGB-2FJDG12 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. RGB-2FJDG12 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. RGB-2FJDG12 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. RGB-2FJDG12 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. RGB-2FJDG12 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. RGB-2FJDG12 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. RGB-2FJDG12 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. RGB-2FJDG12 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. RGB-2FJDG12 Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Series KP
Miniature Audio/Video Pushbuttons
D44
D
www.nkkswitches.com
12.0mm Square Cap with RGB LED
15.0mm & 17.4mm Square Caps with RGB LED
Terminal Detail
(12.7)
.500
Dia
.500
(12.7)
(4.5)
.028
Typ
Typ
.035
(0.7) Dia
(0.9) Dia
.177
1
.300
1a
(7.62)
.051
(1.3)
Typ
.150
(3.81)
Typ
.060
(1.52)
G(-)
R(-)
B(-) (+)
(12.0) Sq
.472
(15.0) Sq
.591
(17.4) Sq
.685
Sq
(15.0)
.591
(12.7)
.500
Typ
(1.52)
.060
(7.62)
.300
(4.5)
.177
Typ
.024
(0.6)
See Terminal
Detail
(12.7)
.500
Dia
.500
(12.7)
(4.5)
.028
Typ
Typ
.035
(0.7) Dia
(0.9) Dia
.177
1
.300
1a
(7.62)
.051
(1.3)
Typ
.150
(3.81)
Typ
.060
(1.52)
G(-)
R(-)
B(-) (+)
Terminal Detail
KP0115ACAKG03RGB-1SJB
KP0115ANBKG03RGB-3SJB
17.4mm Cap
KP0115ANBKG03RGB-2SJB
RGB
The electrical specifications shown are
determined at a basic temperature of
25°C.
LEDs are an integral part of the switch
and are not available separately.
LED circuit is isolated and requires an
external power source.
If the source voltage exceeds the rated
voltage, a ballast resistor is required.
The resistor value can be calculated by
using the formula in the Supplement
Section.
Note: For applications that require
white illumination, contact factory.
Red
Green
Blue
Unit
Maximum Forward Current
I
FM
30
30
30
mA
Typical Forward Current
I
F
20
14
9
mA
Forward Voltage
V
F
2.0
2.9
2.9
V
Power Peak Dissipation
P
D
60
80
80
mW
Maximum Reverse Voltage
V
RM
5
5
5
V
Dominant Wavelength
λ
d
621.5
522.5
472.5
nm
Current Reduction Rate Above 25°C
IF
0.50
0.50
0.50
mA/°C
Ambient Temperature Range
–25 ~ +50
°C
Red
Green
Blue
Common
Anode (+)
RGB
Color
15.0mm Cap
LED SPECIFICATIONS
TYPICAL SWITCH DIMENSIONS
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
.500
(5.0)
.197
.256
(6.5)
(1.1)
.043
(4.0)
(23.0)
.906
.157
(11.5)
.453
.008
(0.2)
.150
(3.81)
(6.4)
.252
.142
(3.6)
(12.7)
(0.3)
.012
(3.81)
(4.5)
.177
(1.1)
(7.0)
.276
.043
(4.0)
(23.0)
.906
.157
(11.5)
.453
(0.2)
.008
.150
(6.4)
.252
.142
(3.6)
(12.7)
.500
.012
(0.3)
G(-)
R(-)
B(-)
Common Anode (+)
(0.5) Typ
.020
G(-)
R(-)
B(-)
Common Anode (+)
(0.5) Typ
.020
(4.5)
.177
Sq
.591
(15.0)
(12.7)
.500
.060
(1.52) Typ
(7.62)
.300
Typ
(0.6)
.024
See Terminal
Detail


Similar Part No. - RGB-2FJDG12

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
RGB-CONTROLLER-101 HB-RGB-CONTROLLER-101 Datasheet
401Kb / 5P
   Damage caused by misuse
RGB-CONTROLLER-303 HB-RGB-CONTROLLER-303 Datasheet
135Kb / 3P
   Input Voltage range
More results

Similar Description - RGB-2FJDG12

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com