Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGB-1SJDG12 Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # RGB-1SJDG12
Description  General Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

RGB-1SJDG12 Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  RGB-1SJDG12 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJDG12 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJDG12 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJDG12 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJDG12 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJDG12 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJDG12 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJDG12 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJDG12 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Series KP
Miniature Audio/Video Pushbuttons
D36
D
www.nkkswitches.com
General Specifications
Electrical Capacity (Resistive Load)
Low Level:
100mA maximum @ 12V DC
Other Ratings
Contact Resistance:
200 milliohms maximum
Insulation Resistance:
100 megohms minimum @ 250V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
5,000,000 operations minimum;
1,000,000 operations minimum for custom Rectangular Switch/Cap Assembly (at center of cap)
Electrical Life:
5,000,000 operations minimum
Nominal Operating Force:
KP01: 1.9N maximum for Tactile & Nontactile models (at center of cap)
KP02: 1.6N maximum for Tactile, Nontactile & Tactile/Audible models (at center of cap)
Travel:
KP01: Pretravel .122” (3.1mm); Overtravel .055” (1.4mm); Total Travel .177” (4.5mm)
KP02: Pretravel .091” (2.3mm); Overtravel .047” (1.2mm); Total Travel .138” (3.5mm)
Materials & Finishes
Plunger/Upper Housing:
Polyacetal
Lower Housing:
Glass fiber reinforced PBT (UL94V-0)
Movable Contact:
Stainless steel with gold plating
Stationary Contacts:
Gold over copper alloy
Switch Terminals:
Brass with tin plating
Environmental Data
Operating Temperature Range:
–25°C through +50°C (–13°F through +122°F)
Humidity:
90-95% humidity for 240 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
51G (500m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Cap Installation Force :
50.0N maximum downward force on actuator
PCB Processing
Soldering:
Wave Soldering. See Profile A in Supplement section.
Manual Soldering. See Profile A in Supplement section.
Cleaning:
These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards:
UL94V-0 lower housing
The KP Series pushbuttons have not been tested for UL recognition or CSA certification.
These switches are designed for use in a low-voltage, low-current, logic-level circuit.
When used as intended in a logic-level circuit, the results do not produce hazardous energy.


Similar Part No. - RGB-1SJDG12

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
RGB-CONTROLLER-101 HB-RGB-CONTROLLER-101 Datasheet
401Kb / 5P
   Damage caused by misuse
RGB-CONTROLLER-303 HB-RGB-CONTROLLER-303 Datasheet
135Kb / 3P
   Input Voltage range
More results

Similar Description - RGB-1SJDG12

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com