Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGB-1SJB13 Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # RGB-1SJB13
Description  General Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

RGB-1SJB13 Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  RGB-1SJB13 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJB13 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJB13 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJB13 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJB13 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJB13 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJB13 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJB13 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1SJB13 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Series KP
Miniature Audio/Video Pushbuttons
D39
D
www.nkkswitches.com
6CF
JB
S
2
Cap Types
F
Flat
S
Sculptured
T
Home Key
LEDs
6CF Super Bright
Red/Green Bicolor
6DG Super Bright
Amber/Blue Bicolor
RGB Red/Green/Blue
* See Note
Cap Sizes
1
12.0mm Square
2
15.0mm Square
3
17.4mm Square
** See Note
11
Cap Colors
JB
Clear Lens &
White Diffuser
Bicolor Alternating
Legend Caps
JCF
Red/Green
JDG
Amber/Blue
Notes
* RGB LED Page D44
** Rectangular Cap Page D45
Alternating Legends
11 ON (pos) OFF (pos)
12 ON (neg) OFF (neg)
13 START
STOP
14 OPEN
CLOSE
Contact factory for custom
options.
Part Numbers for Alternating Legends
Color
Cap Size
Flat Cap
Sculptured Cap
Home Key Cap
Part Number
Part Number
Part Number
Red/Green
12mm Square
AT3093JCF11 ~ AT3093JCF14
AT3090JCF11 ~ AT3090JCF14
AT3096JCF11 ~ AT3096JCF14
15mm Square
AT3094JCF11 ~ AT3094JCF14
AT3091JCF11 ~ AT3091JCF14
AT3097JCF11 ~ AT3097JCF14
17.4mm Square
AT3095JCF11 ~ AT3095JCF14
AT3092JCF11 ~ AT3092JCF14
AT3098JCF11 ~ AT3098JCF14
Amber/Blue
12mm Square
AT3093JDG11 ~ AT3093JDG14
AT3090JDG11 ~ AT3090JDG14
AT3096JDG11 ~ AT3096JDG14
15mm Square
AT3094JDG11 ~ AT3094JDG14
AT3091JDG11 ~ AT3091JDG14
AT3097JDG11 ~ AT3097JDG14
17.4mm Square
AT3095JDG11 ~ AT3095JDG14
AT3092JDG11 ~ AT3092JDG14
AT3098JDG11 ~ AT3098JDG14
Refer to Ordering Table for Alternating Legend that corresponds with last 2 digits of part number.
TYPICAL SWITCH
ORDERING EXAMPLE


Similar Part No. - RGB-1SJB13

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
RGB-CONTROLLER-101 HB-RGB-CONTROLLER-101 Datasheet
401Kb / 5P
   Damage caused by misuse
RGB-CONTROLLER-303 HB-RGB-CONTROLLER-303 Datasheet
135Kb / 3P
   Input Voltage range
More results

Similar Description - RGB-1SJB13

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com