Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS302-XP2 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # PS302-XP2
Description  Power Supplies - PS/2 Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

PS302-XP2 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  PS302-XP2 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
476
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
8
9
10
11
1
0
PS302-XP2
Power Supplies - PS/2Type
Model Name
P/N : 50903724010E
PS302-XP2 PS/2 Type
ATX 300W
Input Range
100~240Vac Full Range
Output Voltage
+5V
+12V1
+12V2
-12V
+5Vsb
+3.3A
16A
17A
17A
0.3A
2.5A
19A
MTBF (hours)
AT 25°C 100,000h
Safety
UL, CSA, CE, FCC
Dimensions
150 x 140 x 86 mm
Compatible with
Axiomtek Products
AX61221, AX61222, AX61220, AX61400, AX6156LE, AX60552, AX60501,
AX60551, AX61492
PS400-XP2
Model Name
P/N: 50904B24000E
PS400-XP2 PS/2 Type
ATX 400W
Input Range
90 ~ 264Vac Full Range
Output Voltage
+5V
+3.3V
+12V1
+12V2
-12V
+5Vsb
20A
(0.5A min)
20A
(0.3A min)
16A
(1A min)
16A
(1A min)
0.5A
2.5A
(1A min)
MTBF (hours)
AT 25°C 100,000h
Safety
TUV, CSA22.2 NO.60950-1, IEC, UL, NEMKO+CB,CE
Dimensions
150 x 140 x 74 mm
Compatible with
Axiomtek Products
AX61221, AX61222, AX60501, AX60551, AX60552,
AX61400, AX6145, AX6156, AX61492, AX61220
PS500-XP2
Model Name
P/N: 50904C06000E
PS500-XP2
PS/2 Type
ATX 500W
Input Range
90 ~ 265VAC Full Range
Output Voltage
+5V
+3.3V
+12V
+12V1
+12V2
-12V
+5Vsb
24A
(0.3A min)
24A
(0.5A min)
34A
(1A min)
17A
(1A min)
17A
(1A min)
0.8A
2.5A
MTBF (hours)
AT 25°C 100,000h
Safety
TUV, CUL, CB, IEC60950-1, GB4943-2001, UL60950-1, EN60950-1
Dimensions
150 x 140 x 86 mm
Compatible with
Axiomtek Products
AX61221, AX61222, AX60501, AX60551, AX60552, AX61400,
AX6145, AX6156, AX61492, AX61220


Similar Part No. - PS302-XP2

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS302 PERICOM-PS302 Datasheet
265Kb / 7P
   Precision, Single-Supply SPST Analog Switches
logo
STANLEY ELECTRIC CO.,LT...
PS3022 STANLEY-PS3022 Datasheet
172Kb / 10P
   Through-hole Phototransistor/?5 Type
logo
Pan Jit International I...
PS302R PANJIT-PS302R Datasheet
55Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
PS302R PANJIT-PS302R Datasheet
36Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
PS302R PANJIT-PS302R Datasheet
67Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
More results

Similar Description - PS302-XP2

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PS500-XP2 AXIOMTEK-PS500-XP2_17 Datasheet
182Kb / 1P
   Power Supplies - PS/2 Type
logo
Advantech Co., Ltd.
PS-300ATX-DC48E ADVANTECH-PS-300ATX-DC48E Datasheet
1Mb / 3P
   PS/2 Power Supplies
PS-250ATX-ZE ADVANTECH-PS-250ATX-ZE Datasheet
1Mb / 3P
   PS/2 Power Supplies
PS-500ATX-ZE ADVANTECH-PS-500ATX-ZE Datasheet
130Kb / 1P
   PS/2 Power Supplies
PS-400ATX-ZBE ADVANTECH-PS-400ATX-ZBE Datasheet
130Kb / 1P
   PS/2 Power Supplies
PS-300ATX-ZBE ADVANTECH-PS-300ATX-ZBE Datasheet
130Kb / 1P
   PS/2 Power Supplies
logo
Axiomtek Co., Ltd.
PS401-HRP AXIOMTEK-PS401-HRP_17 Datasheet
63Kb / 1P
   Power Supplies -PS/2 x 2 Redundant Power
logo
Advantech Co., Ltd.
PS8-250ATX-ZE ADVANTECH-PS8-250ATX-ZE Datasheet
433Kb / 2P
   80 Plus PS/2 Single Power Supplies
31-Aug-2021
logo
Axiomtek Co., Ltd.
PS401-HRP AXIOMTEK-PS401-HRP_16 Datasheet
64Kb / 1P
   PS/2 x 2 Redundant Power
logo
Tumbler Technologies + ...
TIPC400BE TRUMPOWER-TIPC400BE Datasheet
383Kb / 1P
   400W PS/2 ATX IPC Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com