Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1042085 Datasheet(PDF) 4 Page - SICK AG

Part # 1042085
Description  PHOTOELECTRIC SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1042085 Datasheet(HTML) 4 Page - SICK AG

  1042085 Datasheet HTML 1Page - SICK AG 1042085 Datasheet HTML 2Page - SICK AG 1042085 Datasheet HTML 3Page - SICK AG 1042085 Datasheet HTML 4Page - SICK AG 1042085 Datasheet HTML 5Page - SICK AG 1042085 Datasheet HTML 6Page - SICK AG 1042085 Datasheet HTML 7Page - SICK AG 1042085 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WLG4S-3E1134 | W4S-3 Glass
PHOTOELECTRIC SENSORS
ECl@ss 7.0
27270902
ECl@ss 8.0
27270902
ECl@ss 8.1
27270902
ECl@ss 9.0
27270902
ETIM 5.0
EC002717
ETIM 6.0
EC002717
UNSPSC 16.0901
39121528
Connection diagram
Cd-023
brn
wht
blk
blu
+ (L+)
1
2
4
3
Teach
Q
– (M)
Characteristic curve
WL4S-3, WLG4S-3, 5 m
2
(6.56)
4
(13.12)
1
(3.28)
m
(feet)
3
(9.84)
5
(16.40)
100
10
1
Sensing
range
0
Operating reserve
5
2
1
4
6
3
Distance in m (feet)
Sensing range max.
①  Reflector PL80A
②  Reflector PL40A
③  Reflector PL20A
④  PL10F reflector
⑤  Reflector P250 CHEM
⑥  Reflective tape REF-IRF-56
4
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-07-10 17:15:08
Subject to change without notice


Similar Part No. - 1042085

ManufacturerPart #DatasheetDescription
logo
SICK AG
1042084 SICK-1042084 Datasheet
3Mb / 9P
   PHOTOELECTRIC SENSORS
1042086 SICK-1042086 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
1042087 SICK-1042087 Datasheet
3Mb / 9P
   PHOTOELECTRIC SENSORS
More results

Similar Description - 1042085

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com