Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLG4SC-3P2232A70 Datasheet(PDF) 4 Page - SICK AG

Part # WLG4SC-3P2232A70
Description  PHOTOELECTRIC SENSORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WLG4SC-3P2232A70 Datasheet(HTML) 4 Page - SICK AG

  WLG4SC-3P2232A70 Datasheet HTML 1Page - SICK AG WLG4SC-3P2232A70 Datasheet HTML 2Page - SICK AG WLG4SC-3P2232A70 Datasheet HTML 3Page - SICK AG WLG4SC-3P2232A70 Datasheet HTML 4Page - SICK AG WLG4SC-3P2232A70 Datasheet HTML 5Page - SICK AG WLG4SC-3P2232A70 Datasheet HTML 6Page - SICK AG WLG4SC-3P2232A70 Datasheet HTML 7Page - SICK AG WLG4SC-3P2232A70 Datasheet HTML 8Page - SICK AG WLG4SC-3P2232A70 Datasheet HTML 9Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WLG4SC-3P2232A70 | W4S-3 Glass
PHOTOELECTRIC SENSORS
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Ripple
< 5 Vpp 2)
Power consumption
≤ 20 mA 3)
Output type
PNP
Switching mode
Light/dark switching
Output current Imax.
≤ 100 mA
Response time Q/ on Pin 2
300 µs ... 450 µs 4) 5)
Switching frequency
1,000 Hz
Switching frequency Q / to pin 2
1,000 Hz 6)
Attenuation along light beam
> 8 %
Connection type
Connector M8, 4-pin
Circuit protection
7)
8)
9)
10)
Protection class
III
Weight
30 g
Polarisation filter
IO-Link
Housing material
Plastic, ABS, Plastic, PMMA
Optics material
Plastic, PMMA
Enclosure rating
IP67
IP66
Special feature
Detecting transparent objects
Ambient operating temperature
–40 °C ... +60 °C
Ambient storage temperature
–40 °C ... +75 °C
UL File No.
NRKH.E181493 & NRKH7.E181493
Repeatability Q/ on Pin 2:
150 µs 5)
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) Signal transit time with resistive load.
5) Valid for Q \ on Pin2, if configured with software.
6) With light / dark ratio 1:1, valid for Q \ on Pin2, if configured with software.
7) A = VS connections reverse-polarity protected.
8) B = inputs and output reverse-polarity protected.
9) C = interference suppression.
10) D = outputs overcurrent and short-circuit protected.
Classifications
ECl@ss 5.0
27270902
ECl@ss 5.1.4
27270902
ECl@ss 6.0
27270902
ECl@ss 6.2
27270902
4
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-07-10 17:15:08
Subject to change without notice


Similar Part No. - WLG4SC-3P2232A70

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
   PHOTOELECTRIC SENSORS
More results

Similar Description - WLG4SC-3P2232A70

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com