Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1058701 Datasheet(PDF) 5 Page - SICK AG

Part # 1058701
Description  PHOTOELECTRIC SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1058701 Datasheet(HTML) 5 Page - SICK AG

  1058701 Datasheet HTML 1Page - SICK AG 1058701 Datasheet HTML 2Page - SICK AG 1058701 Datasheet HTML 3Page - SICK AG 1058701 Datasheet HTML 4Page - SICK AG 1058701 Datasheet HTML 5Page - SICK AG 1058701 Datasheet HTML 6Page - SICK AG 1058701 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
WL9G-3N1234S02 | W9-3 Glass
PHOTOELECTRIC SENSORS
Dimensional drawing (Dimensions in mm (inch))
WL9-3, WSE9-3
2
4
3
6
5
7
12.2
(4.8)
23.6 (0.93)
3.7 (0.15)
1
①  Center of optical axis, sender and receiver
②  Mounting hole M3 (Ø 3.1 mm)
③  LED indicator yellow: Status of received light beam
④  LED indicator green: power on
⑤  Connecting cable or connector
⑥  Connector M8, 4-pin
⑦  Male connector M12, 4-pin
Recommended accessories
Other models and accessories
www.sick.com/W9-3_Glass
Brief description
Type
Part no.
Universal bar clamp systems
Plate N08 for universal clamp bracket, Zinc plated steel (sheet), Zinc die cast (clamping
bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N08
2051607
Mounting brackets and plates
Mounting bracket, steel, zinc coated, mounting hardware included
BEF-WN-W9-2
2022855
Adapter plate, Stainless steel
BEF-AP-W9
2022734
Fastening plate with threaded sleeve M3, PMMA, Brass (Br)
BEF-GPM3-W9
4066039
Masks
2,0
1,5
1,0
0,5
Mask card, vertical/horizontal slots, slot width: 0.5 mm / 1.0 mm / 1.5 mm / 2.0 mm
BL-9-2
4033253
Reflectors
Rectangular, screw connection, 80 mm x 80 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL80A
1003865
2017-07-11 19:36:27 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
5


Similar Part No. - 1058701

ManufacturerPart #DatasheetDescription
logo
Heyco.
10587 HEYCO-10587 Datasheet
114Kb / 1P
   Nylon PCB Supports - Blind and Key Slot Mount
logo
SICK AG
1058725 SICK-1058725 Datasheet
659Kb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
1058774 SICK-1058774 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSORS
More results

Similar Description - 1058701

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com