Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS26 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # LS26
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS26 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  LS26 Datasheet HTML 1Page - GOOD-ARK Electronics LS26 Datasheet HTML 2Page - GOOD-ARK Electronics LS26 Datasheet HTML 3Page - GOOD-ARK Electronics LS26 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LS26
Surface Mount Schottky Rectifier
Reverse Voltage 60V Forward Current 2A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 2.Maximum Non-Repetitive
Peak Forward Surge Current
Figure 3. Typical Reverse Characteristics
Figure 4. Typical Junction Capacitance
Figure 5.Forward Current Derating Curve
Figure 1. Typical Instantaneous Forward
Characteristics
www.goodark.com
2/4
2014.03-Rev.A


Similar Part No. - LS26

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
LS26 SAMYANG-LS26 Datasheet
931Kb / 2P
   SCHOTTKY BARRIE R RECTIFIER
logo
saftbatteries
LS26500 SAFT-LS26500 Datasheet
467Kb / 2P
   3.6 V Primary lithium-thionyl chloride High energy density C-size bobbin cell
logo
Power-One
LS2660-7R POWER-ONE-LS2660-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
logo
GOOD-ARK Electronics
LS26 GOOD-ARK-LS26_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
More results

Similar Description - LS26

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com