Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24007PWPR Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ24007PWPR
Description  SINGLE CELL LI ION CHARGE MANAGEMENT IC WITH TIMER ENABLE FOR PDAS AND INTERNET APPLIANCES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24007PWPR Datasheet(HTML) 5 Page - Texas Instruments

  BQ24007PWPR Datasheet HTML 1Page - Texas Instruments BQ24007PWPR Datasheet HTML 2Page - Texas Instruments BQ24007PWPR Datasheet HTML 3Page - Texas Instruments BQ24007PWPR Datasheet HTML 4Page - Texas Instruments BQ24007PWPR Datasheet HTML 5Page - Texas Instruments BQ24007PWPR Datasheet HTML 6Page - Texas Instruments BQ24007PWPR Datasheet HTML 7Page - Texas Instruments BQ24007PWPR Datasheet HTML 8Page - Texas Instruments BQ24007PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
bq24007
bq24008
SLUS479D − JANUARY 2001 − REVISED NOVEMBER 2004
www.ti.com
5
ELECTRICAL CHARACTERISTICS CONTINUED
over recommended operating junction temperature supply and input voltages, and VI (VCC) ≥ VI (IN) ( unless otherwise noted)
APG/THERM DELAY, 0
°C ≤ TJ ≤ 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
APG/THERM falling-edge deglitch
See Note 1
25
75
µs
(1) Specified by design, not production tested.
TIMERS, 0
°C ≤ TJ ≤ 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
User-selectable timer accuracy
TA = 25°C
−15%
15%
User-selectable timer accuracy
−20%
20%
Precharge and taper timer
22.5
minute
THERMAL SHUTDOWN, 0
°C ≤ TJ ≤ 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Thermal trip
See Note 1
165
°C
Thermal hysteresis
See Note 1
10
°C
(1) Specified by design, not production tested.
CR PIN, 0
°C ≤ TJ ≤ 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
0 < IO(CR) < 100 µA
2.81
2.85
2.88
V
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
N/C
IN
IN
VCC
ISNS
N/C
APG/THERM
TMR EN
VSEL
GND/HEATSINK
N/C
OUT
OUT
VSENSE
AGND
N/C
STAT1
TMR SEL
CR
N/C
bq24007
PWP PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
N/C
IN
IN
VCC
ISNS
N/C
APG/THERM
TMR EN
VSEL
GND/HEATSINK
N/C
OUT
OUT
VSENSE
AGND
STAT2
STAT1
TMR SEL
CR
N/C
bq24008
PWP PACKAGE
(TOP VIEW)
N/C − Do not connect


Similar Part No. - BQ24007PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24001 TI-BQ24001 Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24001 TI1-BQ24001 Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
BQ24001PWP TI-BQ24001PWP Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24001PWP TI1-BQ24001PWP Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
BQ24001PWPG4 TI1-BQ24001PWPG4 Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
More results

Similar Description - BQ24007PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24001 TI-BQ24001 Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24004 TI-BQ24004 Datasheet
174Kb / 22P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24001 TI1-BQ24001_12 Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24004 TI1-BQ24004_12 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Texas Instruments
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com