Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFB540 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SFB540
Description  5 .0A GLASS PASSIVATED SUPERFAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SFB540 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SFB540 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SFB540 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

30
60
90
0
120
150
180
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
8.3 ms single half-sine-wave
JEDEC method
10
100
400
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
0.1
1.0
10
100
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
Pulse width = 300 s
2% duty cycle
µ
550-560
530-540
510-520
2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
0
2
4
6
8
10
0
50
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
SFB5 10 – SFB5 60
SFB5 10 – SFB5 60
510-520
530-560


Similar Part No. - SFB540

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
SFB0075-230-12 TALEMA-SFB0075-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
SFB0075-230-24 TALEMA-SFB0075-230-24 Datasheet
147Kb / 1P
   Control Panel Transformers
SFB0075-230-55 TALEMA-SFB0075-230-55 Datasheet
147Kb / 1P
   Control Panel Transformers
SFB0075-400-12 TALEMA-SFB0075-400-12 Datasheet
147Kb / 1P
   Control Panel Transformers
SFB0075-400-24 TALEMA-SFB0075-400-24 Datasheet
147Kb / 1P
   Control Panel Transformers
More results

Similar Description - SFB540

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MURF510 ZSELEC-MURF510 Datasheet
171Kb / 2P
   5 .0A GLASS PASSIVATED SUPERFAST RECTIFIER
SFF510 ZSELEC-SFF510 Datasheet
94Kb / 2P
   5 .0A GLASS PASSIVATED SUPERFAST RECTIFIER
SF510 ZSELEC-SF510 Datasheet
97Kb / 2P
   .0A GLASS PASSIVATED SUPERFAST RECTIFIER
SFF1510 ZSELEC-SFF1510 Datasheet
138Kb / 2P
   15 .0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR1510 ZSELEC-MUR1510 Datasheet
203Kb / 2P
   15 .0A GLASS PASSIVATED SUPERFAST RECTIFIER
MURF1510 ZSELEC-MURF1510 Datasheet
171Kb / 2P
   15 .0A GLASS PASSIVATED SUPERFAST RECTIFIER
SF1510 ZSELEC-SF1510 Datasheet
98Kb / 2P
   15 .0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR1510D ZSELEC-MUR1510D Datasheet
186Kb / 2P
   15 .0A GLASS PASSIVATED SUPERFAST RECTIFIER
ES5A ZSELEC-ES5A Datasheet
109Kb / 2P
   5 .0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER5A ZSELEC-ER5A Datasheet
104Kb / 2P
   5 .0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com