Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFB1650CT Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SFB1650CT
Description  16.0A GLASS PASSIVATED SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SFB1650CT Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SFB1650CT Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SFB1650CT Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16.0A GLASS PASSIVATED SUPER FAST RECTIFIER
High Surge Current Capability
Low Forward Voltage Drop
Glass Passivated Die Construction
Features
!
!
Super-Fast Switching
!
!
Low Reverse Leakage Current
!
!
Plastic Material has UL Flammability
Classification 94V-O
               
Mechanical Data
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
16.0
10.0
1.0
250
UNIT
V
V
V
V
A
A
uA
uA
o
C
pF
o
CW
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
o
C
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
o
C
Half sine-wave superimposed on rated load
(JEDEC method)
@ 8.0 A
At Rated DC Blocking Voltage @TJ=125
o
C
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
Characterisic
1610CT
1620CT
1630CT
1640CT
1650CT
1660CT
70
140
100
200
300
210
300
500
350
100
200
500
600
420
600
400
280
400
3.5
90
1.3
1.7
35
170
130
SF1610CT-SF1660CT
SF1610CT-SF1660CT
TO-263 (D PAK)
2
Cas
Mounting Position: Any
Polarity: See Diagram
Terminals: Plated Leads Solderable per
Lead Free: For RoHS / Lead Free Version
!
!
MIL-STD-202, Method 208
!
!
!
e: TO-263(D PAK), Molded Plastic
2
SFB
SFB
SFB
SFB
SFB
SFB


Similar Part No. - SFB1650CT

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SFB1010 ZSELEC-SFB1010 Datasheet
122Kb / 2P
   10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SFB1010CT ZSELEC-SFB1010CT Datasheet
123Kb / 2P
   10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SFB1020 ZSELEC-SFB1020 Datasheet
122Kb / 2P
   10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SFB1020CT ZSELEC-SFB1020CT Datasheet
123Kb / 2P
   10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SFB1030 ZSELEC-SFB1030 Datasheet
122Kb / 2P
   10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results

Similar Description - SFB1650CT

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
ER1610FCT ZSELEC-ER1610FCT Datasheet
166Kb / 2P
   16.0A GLASS PASSIVATED SUPER FAST RECTIFIER
SFF1610CT ZSELEC-SFF1610CT Datasheet
103Kb / 2P
   16.0A GLASS PASSIVATED SUPER FAST RECTIFIER
MURF1610CT ZSELEC-MURF1610CT Datasheet
152Kb / 2P
   16.0A GLASS PASSIVATED SUPER FAST RECTIFIER
MURB1610CT ZSELEC-MURB1610CT Datasheet
238Kb / 2P
   16.0A GLASS PASSIVATED SUPER FAST RECTIFIER
GSA1601 ZSELEC-GSA1601 Datasheet
133Kb / 2P
   16.0A GLASS PASSIVATED RECTIFIER
MUR1610CT ZSELEC-MUR1610CT Datasheet
205Kb / 2P
   16.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SF1610CT ZSELEC-SF1610CT Datasheet
100Kb / 2P
   16.0A GLASS PASSIVATED SUPERFAST RECTIFIER
ER1610CT ZSELEC-ER1610CT Datasheet
163Kb / 2P
   16.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Rectron Semiconductor
ISF81 RECTRON-ISF81 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com