Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ905X4S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BUZ905X4S
Description  NEW PRODUCT UNDER DEVELOPMENT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BUZ905X4S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BUZ905X4S Datasheet HTML 1Page - List of Unclassifed Manufacturers BUZ905X4S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VDSX
Drain – Source Voltage
VGS
Gate – Source Voltage
ID
Continuous Drain Current
ID(PK)
Body Drain Diode
PD
Total Power Dissipation
@ Tcase = 25°C
Tstg
Storage Temperature Range
Tj
Maximum Operating Junction Temperature
RθJC
Thermal Resistance Junction – Case
BUZ905X4S
BUZ906X4S
–160V
–200V
±14V
–32A
–32A
500W
–55 to 150°C
150°C
0.3°C/W
MECHANICAL DATA
Dimensions in mm (inches)
1
3
4
2
R
38.0 (1 .496)
38.2 (1 .504)
30.1 (1 .1 8 5 )
3 0 .3 (1 .193 )
14.9 (0 .5 87)
15.1 (0 .5 94)
3 .3 (0 .129 )
3 .6 (0 .1 43)
7.8 (0 .3 0 7 )
8.2 (0 .3 2 2 )
3 1 .5 (1 .240 )
3 1 .7 (1 .248 )
4.0 (0 .1 5 7 )
(2 P la c e s)
R =
4.0 (0 .1 57 )
4.2 (0 .1 65 )
)
)
4.1 (0 .1 61
4.3 (0 .1 69
4.8 (0 .1 87 )
4.9 (0 .1 93 )
(4 places)
W =
H =
8.9 (0 .3 50)
9.6 (0 .3 78)
11 .8 (0 .463)
12 .2 (0 .480)
Hex Nut M 4
(4 places)
0.75 (0 .0 30 )
0.85 (0 .0 33 )
5.1 (0 .2 01 )
5.9 (0 .2 32 )
1.95 (0 .0 77)
2.1 4 (0 .0 84 )
P–CHANNEL
POWER MOSFET
FEATURES
• HIGH SPEED SWITCHING
• P–CHANNEL POWER MOSFET
• SEMEFAB DESIGNED AND DIFFUSED
• HIGH VOLTAGE (160V & 200V)
• HIGH ENERGY RATING
• ENHANCEMENT MODE
• INTEGRAL PROTECTION DIODE
• N–CHANNEL ALSO AVAILABLE
SOT227
Pin 1 – Drain
Pin 2 – Source
Pin 3 – Gate
Pin 4 – Drain
ABSOLUTE MAXIMUM RATINGS
(Tcase = 25°C unless otherwise stated)
Prelim. 4/94
TEC
MAGNA
Magnatec. Telephone (0455) 554711. Telex: 341927. Fax (0455) 552612.
BUZ905X4S
BUZ906X4S
NEW PRODUCT UNDER DEVELOPMENT
POWER MOSFETS FOR
AUDIO APPLICATIONS


Similar Part No. - BUZ905X4S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BUZ905DP ETC-BUZ905DP Datasheet
40Kb / 4P
   P-CHANNEL POWER MOSFET FOR AUDIO APPLICATIONS
BUZ905P ETC-BUZ905P Datasheet
43Kb / 3P
   P-CHANNEL POWER MOSFET
More results

Similar Description - BUZ905X4S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BUZ900X4S ETC-BUZ900X4S Datasheet
33Kb / 2P
   NEW PRODUCT UNDER DEVELOPMENT
logo
Texas Instruments
LS240-WI-01-A20 TI-LS240-WI-01-A20 Datasheet
341Kb / 4P
[Old version datasheet]   Wireless Product Development
logo
Richco, Inc.
ML-L-2 RICHCO-ML-L-2 Datasheet
213Kb / 1P
   NEW PRODUCT BULLETIN
logo
Rohm
BD8108FM ROHM-BD8108FM Datasheet
814Kb / 16P
   White LED driver IC (under development) HSOP-M28 package
logo
Toshiba Semiconductor
TC7SET86F TOSHIBA-TC7SET86F_02 Datasheet
206Kb / 6P
   TENTATIVE (UNDER DEVELOPMENT) TOSHIBA CMOS DIGITAL INTERATED CIRCUIT SILICON MONOLITHIC
logo
COSMO Electronics Corp...
KMOC308X COSMO-KMOC308X Datasheet
306Kb / 4P
   COSMO New Product Photo Triac KMOC308X Series 800V
logo
Microchip Technology
DM320016 MICROCHIP-DM320016 Datasheet
343Kb / 6P
   PCAP Touch Pad Development Kit with Gestures Product Brief
10/28/13
logo
Freescale Semiconductor...
MCIMX25LPDKJ FREESCALE-MCIMX25LPDKJ Datasheet
254Kb / 2P
   Freescale Product Development Kit (PDK) for the i.MX25 Applications Processor
logo
List of Unclassifed Man...
VL-ENCL-5 ETC2-VL-ENCL-5 Datasheet
368Kb / 15P
   The VL-ENCL-5 provides easy access, superb protection and portable convenience for products under development.
logo
Sharp Corporation
IR3E3074 SHARP-IR3E3074 Datasheet
1Mb / 24P
   Product Development Dept. I Analog Ic Division Integrated Circuits Group SHARP CORPORATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com