Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29401DCT Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ29401DCT
Description  VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29401DCT Datasheet(HTML) 3 Page - Texas Instruments

  BQ29401DCT Datasheet HTML 1Page - Texas Instruments BQ29401DCT Datasheet HTML 2Page - Texas Instruments BQ29401DCT Datasheet HTML 3Page - Texas Instruments BQ29401DCT Datasheet HTML 4Page - Texas Instruments BQ29401DCT Datasheet HTML 5Page - Texas Instruments BQ29401DCT Datasheet HTML 6Page - Texas Instruments BQ29401DCT Datasheet HTML 7Page - Texas Instruments BQ29401DCT Datasheet HTML 8Page - Texas Instruments BQ29401DCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
1
2
3
4
8
7
6
5
VC1
VC2
VC3
GND
OUT
VDD
CD
VC4
ICC
IIN
IIN
IIN
bq29400, bq29400A
bq29401, bq29405
SLUS568B – JULY 2003 – REVISED NOVEMBER 2004
over recommended operating free-air temperature range, T
A = 25°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
25
35
V(OA)
Over voltage detection accuracy
mV
TA = –20°C to 85°C
25
50
bq29400
4.35
bq2940A
4.40
Over voltage detection
V(PROTECT)
V
voltage(1)
bq29401
4.45
bq29405
4.65
Vhys
Over voltage detection hysteresis(1)
300
mV
V2, V3 , VC4 inputVC1 = VC2 = VC3 = VC4 = 3.5 V
II
Input current
±0.3
µA
(see Figure 1)
tD1
Over voltage detection delay time
CD = 0.22 µF
1.0
1.5
2.0
S
I(CD_dis)
CD GND clamp current
CD = 1 V
5
12
µA
VC1 = VC2 = VC3 = VC4 = 3.5 V (see Figure 1)
2.0
3.0
ICC
Supply current
µA
VC1 = VC2 = VC3 = VC4 = 2.3 V (see Figure 1)
1.5
2.5
V(OUT)
OUT pin drive voltage
VC1 = VC2 = VC3 = VC4 = 4.7 V, IOH = 0 mA
7
V
IOH
High-level output current
OUT = 3V, VC1 = VC2 = VC3 = VC4 = 4.7 V
–1
mA
IOL
Low-level output current
OUT = 0.1 V VC1 = VC3 = VC4 = 3.5 V
5
µA
(1)
Levels of the over-voltage detection and the hysteresis can be adjusted. For assistance contact Texas Instruments sales representative.
Figure 1. ICC, IIN Measurement (TSSOP Package)
Terminal Functions
TERMINAL No.
DESCRIPTION
MSOP
TSSOP
NAME
(DTC)
(PW)
8
1
VC1
Sense voltage input for most positive cell
7
2
VC2
Sense voltage input for second most positive cell
6
3
VC3
Sense voltage input for third most positive cell
5
4
GND
Ground pin
4
5
VC4
Sense voltage input for least positive cell
3
6
CD
An external capacitor is connected to determine the programmable delay time
2
7
VDD
Power supply
1
8
OUT
Output
3


Similar Part No. - BQ29401DCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29401DCT3 TI1-BQ29401DCT3 Datasheet
1Mb / 16P
[Old version datasheet]   VOLTAGE PROTECTION
More results

Similar Description - BQ29401DCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29410 TI-BQ29410 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410 TI-BQ29410_07 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29441 TI-BQ29441 Datasheet
558Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
logo
Unisonic Technologies
UB264B UTC-UB264B Datasheet
195Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
UB264A UTC-UB264A Datasheet
207Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Texas Instruments
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29440 TI-BQ29440_1 Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com