Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC408ALC Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC408ALC
Description  Comlinear CLC408 High-Speed, Low-Power Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC408ALC Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC408ALC Datasheet HTML 1Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 2Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 3Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 4Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 5Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 6Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 7Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 8Page - National Semiconductor (TI) CLC408ALC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
http://www.national.com
Typical Performance Characteristics (A
v = +2, Rf = 1kΩ, RL = 100Ω, VCC = +5V, T = 25°C, CLC408AJ; unless specified)
Non-Inverting Frequency Response
Frequency (Hz)
10M
-90
-180
-450
-270
-360
1M
100M
Av+1
Av+2
Rf=953
Av+2
Av+5
Rf=402
Av+5
Av+10
Rf=200
Av+10
Av+1
Rf=3k
0
Vo = 1Vpp
Gain
Phase
Inverting Frequency Response
Frequency (Hz)
10M
0
-270
-360
-450
-90
-180
1M
100M
Av-1
Av-2
Rf=681
Av-2
Av-5
Rf=301
Av-5
Av-10
Rf=200
Av-10
Av-1
Rf=806
Gain
Phase
Vo = 1Vpp
Frequency Response vs. RL
Frequency (Hz)
10M
-90
-180
-450
-270
-360
1M
100M
RL=1k
Rf=1.21k
RL=25
RL=100
RL=100
Rf=1k
RL=1k
RL=25
Rf=0.95k
0
Gain
Phase
Vo = 1Vpp
Frequency Response vs. Vout
Frequency (Hz)
10M
1M
100M
0.10Vpp
2.0Vpp
4.0Vpp
1.0Vpp
Frequency Response vs. Capacitive Load
Frequency (Hz)
10M
1M
100M
CL=100pF
Rs =24.9
CL=10pF
Rs =100
CL=1000pF
Rs =5.7
CL
1k
Rs
+
-
1k
1k
CL=0pF
Rs =0
Vo = 1Vpp
Open Loop Transimpedance Gain, Z(s)
Frequency (Hz)
120
100
40
1k
10k
100M
80
60
Gain
180
140
20
100
60
Phase
100k
1M
10M
100
-
+
CLC408
V
o
I
i
PSRR and CMRR
Frequency (Hz)
60
50
20
10
0
1k
10k
100k
40
30
CMRR
1M
10M
100M
PSRR
Equivalent Input Noise
Frequency (Hz)
100
1
1k
10k
100M
10
ibi
100
10
1
100k
1M
10M
eni
ibn
2nd & 3rd Harmonic Distortion
Frequency (Hz)
-50
-40
-30
-20
-60
-90
1M
10M
-70
-80
2nd
RL = 1k
3rd
RL = 100
3rd
RL = 1k
2nd
RL = 100
Vo = 2Vpp
2nd Harmonic Distortion, RL = 25
Output Amplitude (Vpp)
-55
-50
-45
-60
-75
0
1
5
-65
-70
1MHz
234
2MHz
5MHz
10MHz
3rd Harmonic Distortion, RL = 25
Output Amplitude (Vpp)
-40
-30
-20
-50
-80
0
1
5
-60
-70
1MHz
234
2MHz
5MHz
10MHz
2nd Harmonic Distortion, RL = 100
Output Amplitude (Vpp)
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
1
5
1MHz
234
2MHz
5MHz
10MHz
3rd Harmonic Distortion, RL = 100
Output Amplitude (Vpp)
-80
-70
-60
-50
-40
-30
0
1
5
1MHz
234
2MHz
5MHz
10MHz
2nd Harmonic Distortion, RL = 1k
Output Amplitude (Vpp)
-95
-90
-85
-80
-75
-70
-65
-60
0
1
5
1MHz
234
2MHz
5MHz
10MHz
3rd Harmonic Distortion, RL = 1k
Output Amplitude (Vpp)
-95
-90
-85
-80
-75
-70
-65
-60
-55
0
1
5
1MHz
234
2MHz
5MHz
10MHz


Similar Part No. - CLC408ALC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLC40 ETC-CLC40 Datasheet
66Kb / 4P
   Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-L05 ETC-CLC40-L05 Datasheet
66Kb / 4P
   Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-L15 ETC-CLC40-L15 Datasheet
66Kb / 4P
   Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-L50 ETC-CLC40-L50 Datasheet
66Kb / 4P
   Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-S ETC-CLC40-S Datasheet
66Kb / 4P
   Fllstandssensoren Schaltverstarker Baureihe CLC
More results

Similar Description - CLC408ALC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC418 NSC-CLC418 Datasheet
280Kb / 12P
   Dual High-Speed, Low-Power Line Driver
logo
Texas Instruments
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31-EP TI1-SN65LVDS31-EP Datasheet
203Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3341 PHILIPS-PTN3341 Datasheet
256Kb / 14P
   High speed differential line driver
Rev. 01-6 August 2002
logo
Texas Instruments
SN55LVDS31-SP TI1-SN55LVDS31-SP Datasheet
229Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI1-SN65LVDM31_08 Datasheet
133Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3331 PHILIPS-PTN3331 Datasheet
228Kb / 14P
   High speed differential line driver
Rev. 01-06 August 2002
logo
Texas Instruments
SN65LVDS31-EP TI1-SN65LVDS31-EP_15 Datasheet
231Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com