Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7626BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7626BCPZ
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD7626BCPZ Datasheet HTML 1Page - Analog Devices AD7626BCPZ Datasheet HTML 2Page - Analog Devices AD7626BCPZ Datasheet HTML 3Page - Analog Devices AD7626BCPZ Datasheet HTML 4Page - Analog Devices AD7626BCPZ Datasheet HTML 5Page - Analog Devices AD7626BCPZ Datasheet HTML 6Page - Analog Devices AD7626BCPZ Datasheet HTML 7Page - Analog Devices AD7626BCPZ Datasheet HTML 8Page - Analog Devices AD7626BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
AD7626
Data Sheet
Rev. D | Page 4 of 29
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INTERNAL REFERENCE
Output Voltage
REFIN at 25°C
1.14
1.18
1.22
V
Temperature Drift
−40°C to +85°C
±15
ppm/°C
REFERENCE BUFFER
REFIN Input Voltage Range
1.18
1.2
1.22
V
REF Output Voltage Range
REF at 25°C, EN0 = EN1 = 1
4.076
4.096
4.116
V
Line Regulation
VDD1 ± 5%, VDD2 ± 5%
5
mV
EXTERNAL REFERENCE
Voltage Range
REF
4.096
V
Current Drain
10 MSPS
570
µA
VCM PIN
VCM Output
REF/2
VCM Error
−0.015
+0.015
V
Output Impedance
5
kΩ
LVDS I/O (ANSI-644)
Data Format
Serial LVDS twos complement
Differential Output Voltage, VOD
RL = 100 Ω
245
290
454
mV
Common-Mode Output Voltage, VOCM
RL = 100 Ω
9802
1130
1375
mV
Differential Input Voltage, VID
100
650
mV
Common-Mode Input Voltage, VICM
800
1575
mV
POWER SUPPLIES
Specified Performance
VDD1
4.75
5
5.25
V
VDD2
2.37
2.5
2.63
V
VIO
2.37
2.5
2.63
V
Operating Currents
Static—Not Converting
VDD1
3.5
4.5
mA
VDD2
16.7
21.2
mA
VIO
11.6
13.5
mA
With Internal Reference
10 MSPS throughput
VDD1
10.4
11.2
mA
VDD2
23.5
27.8
mA
VIO
Echoed clock mode
15.8
17.8
mA
With External Reference
10 MSPS throughput
VDD1
7.5
8.8
mA
VDD2
23
28
mA
VIO
Echoed clock mode
16.4
18.5
mA
Power-Down
EN0 = 0, EN1 = 0
VDD1
0.6
4
µA
VDD2
0.8
10
µA
VIO
1
5
µA
Power Dissipation3
Static—Not Converting
88
107
mW
With Internal Reference
10 MSPS throughput
150
170
mW
With External Reference
10 MSPS throughput
136
160
mW
Power-Down
8
58
µW
Energy per Conversion
10 MSPS throughput
13.6
nJ/sample


Similar Part No. - AD7626BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7626BCPZ AD-AD7626BCPZ Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626BCPZ AD-AD7626BCPZ Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7626BCPZ-RL7 AD-AD7626BCPZ-RL7 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626BCPZ-RL7 AD-AD7626BCPZ-RL7 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
More results

Similar Description - AD7626BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
   16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
   16-Bit, 6 MSPS, PulSAR Differential ADC
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD7960 AD-AD7960 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626 Datasheet
159Kb / 11P
   16-Bit, 10MSPS PulSAR Differential ADC
Rev. PrC
AD7625 AD-AD7625 Datasheet
160Kb / 11P
   16-Bit, 6MSPS PulSAR Differential ADC
Rev. PrB
AD7952 AD-AD7952 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7903BRQZ AD-AD7903BRQZ Datasheet
1Mb / 29P
   Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com