Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9239 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9239
Description  Serial Output 1.8 V ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 4 Page - Analog Devices

  AD9239_17 Datasheet HTML 1Page - Analog Devices AD9239_17 Datasheet HTML 2Page - Analog Devices AD9239_17 Datasheet HTML 3Page - Analog Devices AD9239_17 Datasheet HTML 4Page - Analog Devices AD9239_17 Datasheet HTML 5Page - Analog Devices AD9239_17 Datasheet HTML 6Page - Analog Devices AD9239_17 Datasheet HTML 7Page - Analog Devices AD9239_17 Datasheet HTML 8Page - Analog Devices AD9239_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Data Sheet
AD9239
SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, 1.25 V p-p differential input, AIN = −1.0 dBFS, DCS enabled, unless
otherwise noted.
Table 1.
AD9239BCPZ-170
AD9239BCPZ-210
AD9239BCPZ-250
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
12
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Offset Error
25°C
−2
±12
−2
±12
−2
±12
mV
Offset Matching
25°C
4
12
4
12
4
12
mV
Gain Error
25°C
−2.8
+1
+4.7
−2.8
+1
+4.7
−2.8
+1
+4.7
% FS
Gain Matching
25°C
0.9
2.7
0.9
2.7
0.9
2.7
% FS
Differential Nonlinearity (DNL)
Full
±0.28
±0.6
±0.28
±0.6
±0.3
±0.6
LSB
Integral Nonlinearity (INL)
Full
±0.45
±0.9
±0.7
±1.3
±0.7
±1.3
LSB
ANALOG INPUTS
Differential Input Voltage Range2
Full
1.0
1.25
1.5
1.0
1.25
1.5
1.0
1.25
1.5
V p-p
Common-Mode Voltage
Full
1.4
1.4
1.4
V
Input Capacitance
25°C
2
2
2
pF
Input Resistance
Full
4.3
4.3
4.3
kΩ
Analog Bandwidth, Full Power
Full
780
780
780
MHz
Voltage Common Mode (VCMx)
Voltage Output
Full
1.4
1.44
1.5
1.4
1.44
1.5
1.4
1.44
1.5
V
Current Drive
Full
1
1
1
mA
Temperature Sensor Output
−1.12
−1.12
−1.12
mV/°C
Voltage Output
Full
739
737
734
mV
Current Drive
Full
50
50
50
µA
POWER SUPPLY
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
IAVDD
Full
535
570
610
650
725
775
mA
IDRVDD
Full
98
105
111
120
123
133
mA
Total Power Dissipation
(Including Output Drivers)
Full
1.139
1.215
1.298
1.386
1.526
1.634
W
Power-Down Dissipation
Full
3
3
3
mW
Standby Dissipation2
Full
152
173
195
mW
CROSSTALK
Full
−95
−95
−95
dB
Overrange Condition3
Full
−90
−90
−90
dB
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and details on how these tests were completed.
2
AVDD/DRVDD, with link established.
3
Overrange condition is specified as 6 dB above the full-scale input range.
Rev. E | Page 3 of 40


Similar Part No. - AD9239_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9239-250KITZ AD-AD9239-250KITZ Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9239BCPZ-170 AD-AD9239BCPZ-170 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9239BCPZ-210 AD-AD9239BCPZ-210 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9239BCPZ-250 AD-AD9239BCPZ-250 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
More results

Similar Description - AD9239_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9287 AD-AD9287_17 Datasheet
2Mb / 52P
   Serial LVDS 1.8 V ADC
AD9212 AD-AD9212_17 Datasheet
1Mb / 57P
   Serial LVDS, 1.8 V ADC
AD9259 AD-AD9259_17 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9252 AD-AD9252_17 Datasheet
1Mb / 53P
   Serial LVDS, 1.8 V ADC
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
   125 MSPS, Serial LVDS 1.8 V ADC
AD9639BCPZ-170 AD-AD9639BCPZ-170 Datasheet
855Kb / 36P
   Quad, 12-Bit, 170 MSPS/210 MSPS Serial Output 1.8 V ADC
REV. B
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com