Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9239 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9239
Description  Serial Output 1.8 V ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 5 Page - Analog Devices

  AD9239 Datasheet HTML 1Page - Analog Devices AD9239 Datasheet HTML 2Page - Analog Devices AD9239 Datasheet HTML 3Page - Analog Devices AD9239 Datasheet HTML 4Page - Analog Devices AD9239 Datasheet HTML 5Page - Analog Devices AD9239 Datasheet HTML 6Page - Analog Devices AD9239 Datasheet HTML 7Page - Analog Devices AD9239 Datasheet HTML 8Page - Analog Devices AD9239 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
AD9239
Data Sheet
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, 1.25 V p-p differential input, AIN = −1.0 dBFS, DCS enabled, unless
otherwise noted.
Table 2.
AD9239BCPZ-170
AD9239BCPZ-210
AD9239BCPZ-250
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 9.7 MHz
25°C
64.5
dB
fIN = 84.3 MHz
Full
63.5
64.5
63.2
64.2
63.1
64.1
dB
fIN = 170.3 MHz
25°C
63.9
dB
fIN = 240.3 MHz
25°C
64.1
63.2
63.3
dB
SIGNAL-TO-NOISE RATIO (SINAD)
fIN = 9.7 MHz
25°C
64.2
dB
fIN = 84.3 MHz
Full
63.3
64.4
62.8
63.9
62.8
63.8
dB
fIN = 170.3 MHz
25°C
63.1
dB
fIN = 240.3 MHz
25°C
63.9
63
63.1
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 9.7 MHz
25°C
10.4
Bits
fIN = 84.3 MHz
Full
10.2
10.4
10.1
10.3
10.1
4
10.3
Bits
fIN = 170.3 MHz
25°C
10.2
Bits
fIN = 240.3 MHz
25°C
10.3
10.2
10.2
Bits
WORST HARMONIC (SECOND)
fIN = 9.7 MHz
25°C
90
dBc
fIN = 84.3 MHz
Full
87.5
78.6
86
77
86
74.5
dBc
fIN = 170.3 MHz
25°C
76
dBc
fIN = 240.3 MHz
25°C
82
80
82
dBc
WORST HARMONIC (THIRD)
fIN = 9.7 MHz
25°C
78
dBc
fIN = 84.3 MHz
Full
79
74
76
72.6
76
72.5
dBc
fIN = 170.3 MHz
25°C
74
dBc
fIN = 240.3 MHz
25°C
84
77
80
dBc
WORST OTHER (EXCLUDING SECOND OR THIRD)
fIN = 9.7 MHz
25°C
85
dBc
fIN = 84.3 MHz
Full
96
86
90
83.7
94
83.6
dBc
fIN = 170.3 MHz
25°C
85
dBc
fIN = 240.3 MHz
25°C
88
88
85
dBc
TWO-TONE INTERMOD DISTORTION (IMD)
fIN1 = 140.2 MHz, fIN2 = 141.3 MHz,
AIN1 and AIN2 = −7.0 dBFS
25°C
78
77
76
dBc
fIN1 = 170.2 MHz, fIN2 = 171.3 MHz,
AIN1 and AIN2 = −7.0 dBFS2
25°C
77
76
dBc
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and details on how these tests were completed.
2
Tested at 210 MSPS and 250 MSPS only.
Rev. E | Page 4 of 40


Similar Part No. - AD9239

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9239-250KITZ AD-AD9239-250KITZ Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9239BCPZ-170 AD-AD9239BCPZ-170 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9239BCPZ-210 AD-AD9239BCPZ-210 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9239BCPZ-250 AD-AD9239BCPZ-250 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
More results

Similar Description - AD9239

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9287 AD-AD9287_17 Datasheet
2Mb / 52P
   Serial LVDS 1.8 V ADC
AD9212 AD-AD9212_17 Datasheet
1Mb / 57P
   Serial LVDS, 1.8 V ADC
AD9259 AD-AD9259_17 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9252 AD-AD9252_17 Datasheet
1Mb / 53P
   Serial LVDS, 1.8 V ADC
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
   125 MSPS, Serial LVDS 1.8 V ADC
AD9639BCPZ-170 AD-AD9639BCPZ-170 Datasheet
855Kb / 36P
   Quad, 12-Bit, 170 MSPS/210 MSPS Serial Output 1.8 V ADC
REV. B
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com