Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9222-65EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9222-65EBZ
Description  Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9222-65EBZ Datasheet(HTML) 1 Page - Analog Devices

  AD9222-65EBZ Datasheet HTML 1Page - Analog Devices AD9222-65EBZ Datasheet HTML 2Page - Analog Devices AD9222-65EBZ Datasheet HTML 3Page - Analog Devices AD9222-65EBZ Datasheet HTML 4Page - Analog Devices AD9222-65EBZ Datasheet HTML 5Page - Analog Devices AD9222-65EBZ Datasheet HTML 6Page - Analog Devices AD9222-65EBZ Datasheet HTML 7Page - Analog Devices AD9222-65EBZ Datasheet HTML 8Page - Analog Devices AD9222-65EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
Octal, 12-Bit, 40/50/65 MSPS
Serial LVDS 1.8 V A/D Converter
Data Sheet
AD9222
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2011 Analog Devices, Inc. All rights reserved.
FEATURES
8 ADCs integrated into 1 package
114 mW ADC power per channel at 65 MSPS
SNR = 70 dB (to Nyquist)
ENOB = 11.3 bits
SFDR = 80 dBc
Excellent linearity: DNL = ±0.3 LSB (typical),
INL = ±0.4 LSB (typical)
Serial LVDS (ANSI-644, default)
Low power, reduced signal option (similar IEEE 1596.3)
Data and frame clock outputs
325 MHz full-power analog bandwidth
2 V p-p input voltage range
1.8 V supply operation
Serial port control
Full-chip and individual-channel power-down modes
Flexible bit orientation
Built-in and custom digital test pattern generation
Programmable clock and data alignment
Programmable output resolution
Standby mode
APPLICATIONS
Medical imaging and nondestructive ultrasound
Portable ultrasound and digital beam-forming systems
Quadrature radio receivers
Diversity radio receivers
Tape drives
Optical networking
Test equipment
GENERAL DESCRIPTION
The AD9222 is an octal, 12-bit, 40/50/65 MSPS analog-to-
digital converter (ADC) with an on-chip sample-and-hold
circuit designed for low cost, low power, small size, and ease of
use. The product operates at a conversion rate of up to 65 MSPS
and is optimized for outstanding dynamic performance and low
power in applications where a small package size is critical.
The ADC requires a single 1.8 V power supply and LVPECL-/
CMOS-/LVDS-compatible sample rate clock for full performance
operation. No external reference or driver components are
required for many applications.
The ADC automatically multiplies the sample rate clock for
the appropriate LVDS serial data rate. A data clock output (DCO)
for capturing data on the output and a frame clock output (FCO)
for signaling a new output byte are provided. Individual-channel
power-down is supported and typically consumes less than
2 mW when all channels are disabled.
FUNCTIONAL BLOCK DIAGRAM
SERIAL
LVDS
REF
SELECT
AD9222
AGND
VIN – A
VIN + A
VIN – B
VIN + B
VIN – D
VIN + D
VIN – C
VIN + C
SENSE
VREF
AVDD
DRVDD
12
12
12
12
PDWN
REFT
REFB
D – A
D + A
D – B
D + B
D – D
D + D
D – C
D + C
FCO –
FCO +
DCO +
DCO –
CLK+
DRGND
CLK–
SERIAL PORT
INTERFACE
CSB
SCLK/
DTP
SDIO/
ODM
RBIAS
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
ADC
ADC
ADC
ADC
DATA RATE
MULTIPLIER
0.5V
SERIAL
LVDS
VIN – E
VIN + E
VIN – F
VIN + F
VIN – H
VIN + H
VIN – G
VIN + G
12
12
12
12
D – E
D + E
D – F
D + F
D – H
D + H
D – G
D + G
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
ADC
ADC
ADC
ADC
Figure 1.
The ADC contains several features designed to maximize
flexibility and minimize system cost, such as programmable
clock and data alignment and programmable digital test pattern
generation. The available digital test patterns include built-in
deterministic and pseudorandom patterns, along with custom user-
defined test patterns entered via the serial port interface (SPI).
The AD9222 is available in an RoHS compliant, 64-lead LFCSP. It is
specified over the industrial temperature range of −40°C to +85°C.
PRODUCT HIGHLIGHTS
1. Small Footprint. Eight ADCs are contained in a small,
space-saving package.
2. Low power of 114 mW/channel at 65 MSPS.
3. Ease of Use. A data clock output (DCO) is provided that
operates at frequencies of up to 390 MHz and supports
double data rate (DDR) operation.
4. User Flexibility. The SPI control offers a wide range of
flexible features to meet specific system requirements.
5. Pin-Compatible Family. This includes the AD9212 (10-bit)
and AD9252 (14-bit).


Similar Part No. - AD9222-65EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
More results

Similar Description - AD9222-65EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9212 AD-AD9212 Datasheet
2Mb / 56P
   Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252 Datasheet
2Mb / 52P
   Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com