Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9255BCPZ-125 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9255BCPZ-125
Description  1.8 V Analog-to-Digital Converter
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9255BCPZ-125 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9255BCPZ-125 Datasheet HTML 30Page - Analog Devices AD9255BCPZ-125 Datasheet HTML 31Page - Analog Devices AD9255BCPZ-125 Datasheet HTML 32Page - Analog Devices AD9255BCPZ-125 Datasheet HTML 33Page - Analog Devices AD9255BCPZ-125 Datasheet HTML 34Page - Analog Devices AD9255BCPZ-125 Datasheet HTML 35Page - Analog Devices AD9255BCPZ-125 Datasheet HTML 36Page - Analog Devices AD9255BCPZ-125 Datasheet HTML 37Page - Analog Devices AD9255BCPZ-125 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
Data Sheet
AD9255
Rev. C | Page 33 of 44
BUILT-IN SELF-TEST (BIST) AND OUTPUT TEST
The AD9255 includes built-in self-test features designed to
enable verification of the integrity of the part as well as facilitate
board level debugging. A built-in self-test (BIST) feature is included
that verifies the integrity of the digital datapath of the AD9255.
Various output test options are also provided to place predictable
values on the outputs of the AD9255.
BUILT-IN SELF-TEST (BIST)
The BIST is a thorough test of the digital portion of the selected
AD9255 signal path. When enabled, the test runs from an internal
pseudorandom noise (PN) source through the digital datapath
starting at the ADC block output. The BIST sequence runs for
512 cycles and stops. The BIST signature value is placed in
Register 0x24 and Register 0x25.
The outputs are not disconnected during this test, so the PN
sequence can be observed as it runs. The PN sequence can be
continued from its last value or reset from the beginning, based
on the value programmed in Register 0x0E, Bit 2. The BIST
signature result varies based on the part configuration.
OUTPUT TEST MODES
The output test options are shown in Table 17. When an output
test mode is enabled, the analog section of the ADC is discon-
nected from the digital back end blocks and the test pattern is run
through the output formatting block. Some of the test patterns are
subject to output formatting, and some are not. The seed value for
the PN sequence tests can be forced if the PN reset bits are used
to hold the generator in reset mode by setting Bit 4 or Bit 5 of
Register 0x0D. These tests can be performed with or without
an analog signal (if present, the analog signal is ignored), but
they do require an encode clock. For more information, see
AN-877 Application Note, Interfacing to High Speed ADCs via SPI.


Similar Part No. - AD9255BCPZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9255BCPZ-125 AD-AD9255BCPZ-125 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
More results

Similar Description - AD9255BCPZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9257 AD-AD9257_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_17 Datasheet
1,007Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9434 AD-AD9434_17 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com