Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOT3126T-834 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # GOT3126T-834
Description  12.1 XGA TFT Extended Temp. Fanless Touch Panel Computer with Intel Atom
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT3126T-834 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  GOT3126T-834_17 Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT3126T-834_17 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
571
* All specifications and photos are subject to change without notice.
Introduction
Specifications
The GOT3126T-834 adopts a 12.1-inch XGA 500 nits TFT LCD and supports Intel® Bay
Trail processor. By supporting a wide range operating temperature from -20°C to +55°C,
it can be used in harsh environment. The high brightness industrial panel PC supports
low power Intel® Atom™ processor E3827. The industrial HMI can work under 1.3G (10
~ 500Hz, random for 2.5” HDD) in operation mode with a patent of anti-vibration design.
It also provides two PCIe mini card slots for 3G, wireless network connectivity. The 12.1”
fanless touch panel computer is suitable for transportation, heavy-duty industry, smart
factory automation, and oil pipe monitoring systems.
Wide Temperature Range (-20°C to +55°C)
The Intel® Atom™-based GOT3126T-834 applies unique extended temperature
technology with wide temperature range support as we as fanless operation. It also has
a compact design for harsh environment.
WALN Antenna Supported (optional)
The 12.1” XGA IP65 industrial panel PC, GOT3126T-834, provides two PCIe mini card slots
and WLAN/3G antennas for wireless network connectivity.
Front Bezel
IP65, NEMA 4 rugged protection, aluminum front bezel
LCD Panel
Display Type
12.1" XGA TFT LCD
Brightness (cd/m
2)
500 nits
Resolution
1024 x 768
Main System
CPU
Intel® Atom™ processor E3827
2C @1.75 GHz (Bay Trail)
Chipset
SoC Intergrated
System Memory
1 x 204-pin DDR3L-1333/1600
SO-DIMM, up to 8GB
BIOS
AMI UEFI BIOS
Storage
1 x 2.5" SATA HDD
1 x CFast™ or 1 x mSATA
Watchdog Timer
255 levels, 0~255 sec.
Onboard Graphics
Integrated Intel® HD Graphic
Rear view
1. Power switch
2. DC power input
3. USB 2.0 x 2
4. VGA
5. COM 3 (RS-232/422/485)
6. COM 1 (RS-232/422/485)
7. COM 2 (RS-232/422/485)
8. Ethernet x 2
9. USB 3.0 x 2
10. Audio (Line-out)
2
1
3
5
4
6
7
8
9 10
Side view
GOT3126T-834
12.1" XGA TFT Extended Temp. Fanless Touch Panel Computer with Intel® Atom™
Processor E3827 (-20°C +55°C)
Features
12.1" XGA color TFT LCD display
Fanless cooling system with Intel® Atom™ E3827 1.75 GHz
-20°C to +55°C wide temperature range
2 Gigabit LAN, 2 USB 3.0, 2 USB 2.0 & 3 COM ports
WLAN/3G module and antenna (optional)
2 Express Mini card slots
9~36 VDC wide voltage and over current protection
Supports panel mount and optional VESA arm, desktop stand,
wall mount
2.5" SATA HDD & CFast™ or mSATA
Adjust RS-232/422/485 setting via BIOS
Fanless
DDR3
DDR3
DDR3
Ext. Temp
IP65
Low Power
AiRD
DualView


Similar Part No. - GOT3126T-834_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3126T-834 AXIOMTEK-GOT3126T-834_16 Datasheet
490Kb / 2P
   9~36VDC wide voltage and over current protection
More results

Similar Description - GOT3126T-834_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3126T-834 AXIOMTEK-GOT3126T-834 Datasheet
470Kb / 2P
   12.1 XGA TFT Extended Temp. Fanless Touch Panel Computer with Intel Atom Processor E3827 (-20C55C)
GOT5120T-845 AXIOMTEK-GOT5120T-845_17 Datasheet
449Kb / 2P
   12.1 XGA/SVGA TFT Fanless Touch Panel Computer with Intel Celeron
GOT3156T-834 AXIOMTEK-GOT3156T-834 Datasheet
378Kb / 2P
   15 XGA TFT Fanless Touch Panel Computer with Intel Atom Processor
GOT3156T-834 AXIOMTEK-GOT3156T-834_17 Datasheet
377Kb / 2P
   15 XGA TFT Fanless Touch Panel Computer with Intel Atom Processor E3827
MPC152-832 AXIOMTEK-MPC152-832_17 Datasheet
364Kb / 2P
   15 XGA TFT Medical Grade Fanless Touch Panel Computer with Intel Atom
GOT712-837 AXIOMTEK-GOT712-837_17 Datasheet
372Kb / 2P
   12.1 XGA TFT EN 50155 Railway Fanless Touch Panel PC with Intel Atom
GOT5152T-834 AXIOMTEK-GOT5152T-834_17 Datasheet
690Kb / 2P
   15 XGA TFT Fanless Touch Panel Computer with Intel Celeron
GOT812LR-834 AXIOMTEK-GOT812LR-834_17 Datasheet
373Kb / 2P
   12.1 XGA TFT IP66-rated Stainless Steel Fanless Touch Panel Computer
GOT812LR-834 AXIOMTEK-GOT812LR-834 Datasheet
528Kb / 2P
   12.1 XGA TFT IP66-rated Sunlight Readable Fanless Touch Panel Computer
logo
AAEON Technology
AHP-2122 AAEON-AHP-2122 Datasheet
368Kb / 2P
   12.1??Rugged Fanless Touch Panel Computer With Onboard Intel Atom D525 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com