Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOT-3840TL Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # GOT-3840TL
Description  8.4 SVGA TFT Cost-effective Fanless Touch Panel Computer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT-3840TL Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  GOT-3840TL_17 Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT-3840TL_17 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
573
* All specifications and photos are subject to change without notice.
Introduction
Specifications
The GOT-3840TL is a 8.4" fanless touch panel computer. Integrated with 8.4" TFT LCD and
AMD Geode LX800 500 MHz processor, the GOT-3840TL provides customers the most
economical solution. With the compact design, the GOT-3840TL is ideal for space-limited
environments, such as industrial machinery and transportations. In response to the growing
demand for WLAN application, the GOT-3840TL also supports optional WLAN antenna
for wireless network connection. The GOT-3840TL can be used extensively for various
applications including industrial machinery, processing status monitoring, and more.
Cost-effective Solution
Integrated with 250 nits LCD and onboard AMD Geode LX800 500 MHz processor, the
GOT-3840TL provides an economical solution for customers in response to demands for
cost-effective product.
WLAN Antenna Supported (optional) and Dual-LAN
The GOT-3840TL provides a MiniPCI slot and an optional fixed rotational WLAN antenna
for wireless network connections. By simply plugging in the WLAN card, customer
can operate the GOT-3840TL in a wireless environment. Besides, the GOT-3840TL also
supports Dual-LAN function for the growing demands of LAN connection.
Compact Design for Space-Limited Application
The GOT-3840TL is specially designed for space-limited applications including industrial
machinery, transportation and home automation. This fanless touch computer is designed
around the concept of small cut-out dimension. Moreover, the GOT-3840TL adopts sleek
appearance and streamlined mechanical layout.
Anti-vibration up to 1.3G
With a special vibration- resistant design patent, the GOT-3840TL can work well under
1.3G (5~500Hz) in operation mode, and equipped with a 2.5 HDD.
Front Bezel
IP65, NEMA 4 rugged protection, aluminum front bezel
LCD Panel
Display Type
8.4" SVGA TFT LCD
Brightness (cd/m
2)
250 nits
Resolution
800 x 600
Main System
CPU
AMD Geode LX800 500 MHz
Chipset
AMD LX + CS5536AD + ITE8888G
System Memory
1 x 200-pin DDR SO-DIMM,
up to 1GB
BIOS
Award 4Mbit with RPL/PXE LAN boot
ROM, Smartview and customer
CMOS backup
Storage
1 x 2.5" IDE HDD
1 x CompactFlash™
Watchdog Timer
255 levels, 0~255 sec.
Onboard Graphics
Integrated in AMD LX chipset
1. Power switch
2. DC inlet
3. COM 1/2/3
(RS-232/422/485, RS-232)
4. Audio (Line-out)
5. USB 2.0 x 2
6. Ethernet
7. PS/2 K/B+M/S
8. Ethernet
9. VGA
1
2
3
5 6 7 8
9
4
Rear view
Desktop stand
Fanless
Ext. Temp
Low Power
DualView
AiRD
GOT-3840TL
8.4" SVGA TFT Cost-effective Fanless Touch Panel Computer
Features
8.4" SVGA color TFT LCD display
Fanless cooling system with low power AMD Geode LX800
500 MHz processor
Dual LAN & WLAN antenna
Compact design for space-limited application
Anti-vibration up to 1.3G (HDD, random)
Supports panel mount, wall mount, VESA arm, desktop stand
(optional)


Similar Part No. - GOT-3840TL_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT-3840TL AXIOMTEK-GOT-3840TL_16 Datasheet
318Kb / 2P
   Compact design for space-limited application
More results

Similar Description - GOT-3840TL_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT5840T-834 AXIOMTEK-GOT5840T-834_17 Datasheet
524Kb / 2P
   8.4 SVGA TFT Fanless Touch Panel Computer with Intel Celeron
GOT5100T-834 AXIOMTEK-GOT5100T-834_17 Datasheet
489Kb / 2P
   10.4 XGA/SVGA TFT Fanless Touch Panel Computer with Intel짰Celeron
GOT5120T-845 AXIOMTEK-GOT5120T-845_17 Datasheet
449Kb / 2P
   12.1 XGA/SVGA TFT Fanless Touch Panel Computer with Intel Celeron
MPC102-832 AXIOMTEK-MPC102-832_17 Datasheet
366Kb / 2P
   10.4 SVGA TFT Medical Grade Fanless Touch Panel Computer with Intel Atom
GOT5153W-845 AXIOMTEK-GOT5153W-845 Datasheet
541Kb / 2P
   15.6 WXGA TFT Fanless Touch Panel Computer
logo
AAEON Technology
AHP-1083 AAEON-AHP-1083 Datasheet
293Kb / 2P
   8.4 ??SVGA HMI Touch Panel Computer With Onboard Intel짰 Atom??D2550
AHP-1083 AAEON-AHP-1083_15 Datasheet
293Kb / 2P
   SVGA HMI Touch Panel Computer
logo
Advantech Co., Ltd.
TPC-870H ADVANTECH-TPC-870H Datasheet
849Kb / 2P
   10.4 SVGA TFT LCD Celeron짰 M Touch Panel Computer
TPC-1261H ADVANTECH-TPC-1261H Datasheet
395Kb / 2P
   12.1 SVGA TFT LCD Geode??LX800 Touch Panel Computer
logo
Axiomtek Co., Ltd.
GOT3187W-111-PCT AXIOMTEK-GOT3187W-111-PCT_17 Datasheet
500Kb / 2P
   18.5 WXGA TFT Fanless Multi-Touch Panel Computer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com