Electronic Components Datasheet Search |
|
AMER60N-42140Z Datasheet(PDF) 2 Page - AIMTEC |
|
AMER60N-42140Z Datasheet(HTML) 2 Page - AIMTEC |
2 / 7 page Series AMER60N-Z up to 1600mA | AC-DC LED driver www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 052.1e R3 2 of 7 North America only General Specifications Parameters Conditions Typical Maximum Units Switching frequency 150 KHz Over voltage protection 50 VDC Over current protection Constant Current Mode Short circuit protection Hiccup Short circuit restart Auto Recovery Open circuit protection Hiccup Operating temperature With Derating over oC -40 to +60 oC Maximum case temperature 90 oC Storage temperature -40 to +90 oC Temperature coefficient 0.03 % / oC Cooling Free Air Convection Humidity 90 % RH Case material Metal (Aluminum) Potting material polysiloxane IP Rating IP67 Weight 490 g Dimensions (L X W+ X H) 7.36 X 1.91 X 1.31 inches 187.00 X 48.60 X 33.30 mm MTBF 400,000 hrs (MIL-HDBK-217F at +25°C) Safety Specifications Parameters Standards Electromagnetic Interference EN55015 / FCC Part 15, Class B Harmonic Current Emissions EN61000-3-2, Class B Voltage fluctuations and flicker EN61000-3-3 Electrostatic Discharge Immunity EN61000-4-2, 8kV Air, 4kV Contact, Level 3, Criteria A RF, Electromagnetic Field Immunity EN61000-4-3, Test-RS Level 3, Criteria A Electrical Fast Transient / Burst Immunity EN61000-4-4, Burst EFT Level 3, Criteria A Surge Immunity EN61000-4-5, Line to Neutral 4kV, Neutral to FG 6kV RF, Conducted Disturbance Immunity EN61000-4-6. Test-CS Level 3, Criteria A Power frequency Magnetic Field Immunity EN61000-4-8, Test 3A/m, Criteria A Voltage dips, Short Interruptions Immunity EN61000-4-11, Criteria B Electromagnetic Immunity Requirements Applies to Lighting Equipment EN61547 Pin Definition Block diagram Wire Connection Brown AC L Blue AC N Yellow/Green FG Red +V Output Black -V OUtput AC_L AC_N LED+ LED- AC FG |
Similar Part No. - AMER60N-42140Z |
|
Similar Description - AMER60N-42140Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |