Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB190S Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SB190S
Description  Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SB190S Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SB190S Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SB190S Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REVERSE VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.6--TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG.5--TYPICAL JUNCTION CAPACITANCE
PULSE DURATION,Sec.
PEAK FORWARD SURGE CURRENT
AMBIENT TEMPERATURE,
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.4--TYPICAL REVERSE CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
FIG.2 --MAXIMUM NON-REPETITIVE
FIG.3 --TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
0
1
20
10
40
30
50
10
100
TJ=TJMAX
8.3ms Single Half
Sine-Wave
0.1
10
SB150S-SB1A0S
SB120S-SB140S
TJ=25℃
f=1.0MHz
Vsig=50mVp-p
1
100
10
100
400
0.01
0.1
1
020
40
60
10
100
80
100
TJ=25
TJ=75℃
TJ=100℃
1000
SB150S-SB160S
0.01
50
0.1
1
10
0
0 .2 0 .4 0 .6
1 .2 1 .4
P u ls e w idth=3 0 0
s
1 % D u ty C y c le
0.8 1.0
1.6
SB170S-SB1A0S
SB120S-SB140S
SB120S-SB140S
25
0
0
0.25
50
75
0.75
0.5
1.0
100
125
150
175
Resistive or
Inductive Load
0.375"(9.5mm)
Lead Length
SB150S-SB1A0S
0.01
0.1
1
100
10
0.1
10
100
1
Ratings AND Charactieristic Curves
SB120S-SB1A0S
Schottky Barrier Rectifiers
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - SB190S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SB190S GOOD-ARK-SB190S Datasheet
553Kb / 2P
   1.0 Amp Schottky Barrier Rectifiers Voltage Range 70 to 100 volts Forward Current 1.0 Ampere
logo
Shanghai Shunye Electro...
SB190S SY-SB190S Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Diotec Semiconductor
SB190S DIOTEC-SB190S Datasheet
90Kb / 2P
   Schottky Barrier Rectifier Diodes
logo
Shanghai Shunye Electro...
SB190S SHUNYE-SB190S Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SB190S CHENDA-SB190S Datasheet
584Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB190S

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com